Electronic Components Datasheet Search
  English  ▼

X  

AD5801 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5801
Description  Piezo-Electric Actuator Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5801 Datasheet(HTML) 4 Page - Analog Devices

  AD5801 Datasheet HTML 1Page - Analog Devices AD5801 Datasheet HTML 2Page - Analog Devices AD5801 Datasheet HTML 3Page - Analog Devices AD5801 Datasheet HTML 4Page - Analog Devices AD5801 Datasheet HTML 5Page - Analog Devices AD5801 Datasheet HTML 6Page - Analog Devices AD5801 Datasheet HTML 7Page - Analog Devices AD5801 Datasheet HTML 8Page - Analog Devices AD5801 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AD5801
Preliminary Technical Data
Rev. 0 | Page 4 of 13
BIAS
BIASRES
Bias reference Voltage
1.275
V
Output Current range
Current to POSSENSAF-Z
4
10
19
mA
Output Current Accuracy
2.5
%
External Resistor4
Rterm
5.1
k Ω
External Resistor Tolerance
-1
1
%
Shutter Controls
SOUT1-SOUT3
Output Current Range
130
200
mA
Accuracy5
±5
%
Step Size
10
mA
Shutter Strobe
STROBE
Strobe Time
5
35
ms
Input High Voltage
VIH
1.17
V
Input Low Voltage
VIL
0.63
V
Low Drop Out Regulator6
LDO_ACT
Programmable Output Voltage Range
2.8
3.3
V
Output Current Drive Capability
200
mA
Accuracy5
±3
%
Programmable Output Voltage Level 1
2.8
V
Programmable Output Voltage Level 2
2.9
V
Programmable Output Voltage Level 3
3.0
V
Programmable Output Voltage Level 4
3.3
V
LDO Compensation Capacitor
10
20
µF
External Clock7
EXTCLK
Clock Frequency Range
4.8
19.44
MHz
Internal Clock7
INTCLK
Clock Frequency
19.44
MHz
I2C Interface8
SDA, SCL Input High Voltage
VIH
1.3
1.8
VAUX
V
SDA, SCL Input Low Voltage
VIL
0
0.4
V
Glitch Rejection
50
ns
ShutDown/Standby/RESET9
XSHUTDOWN
XSD High Level Input voltage
1.17
V
XSD Low Level Input voltage
0.63
V
Minimum Valid Shutdown period
100
ns
Min Time Between Successive XSD Pulses
TBD
ns
Power Supply
VBATT
Battery Supply
2.8
4.5
V
Currrent Consumption in Active Mode
TBD
mA
Current on VBATT
TBD
mA
VAUX
Digital Supply
2.5
VBATT
V
Current on VAUX
TBD
µA
PWR_DRIVESTAGE
FA-FB Drivers
2.5
5
V
SHUTTER_VBATT
Shutter Supply
2.5
5
V
PWR_DRIVERS
FC, FD, ZA-ZD
Drivers
2.5
5
V
1 Temperature range is as follows: B Version: −40°C to +70°C
1 See Figure 3 for timing programmability details.
3 The conversion time of 160µs is due to averaging of four measurements taken by the ADC,. The averaging feature can be disabled and the conversion time is then
40µs.
4 An external precision resistor is required to establish bias currents and voltages.
5 This is the accuracy over the entire temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com