Electronic Components Datasheet Search
  English  ▼

X  

AD5801 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5801
Description  Piezo-Electric Actuator Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5801 Datasheet(HTML) 3 Page - Analog Devices

  AD5801 Datasheet HTML 1Page - Analog Devices AD5801 Datasheet HTML 2Page - Analog Devices AD5801 Datasheet HTML 3Page - Analog Devices AD5801 Datasheet HTML 4Page - Analog Devices AD5801 Datasheet HTML 5Page - Analog Devices AD5801 Datasheet HTML 6Page - Analog Devices AD5801 Datasheet HTML 7Page - Analog Devices AD5801 Datasheet HTML 8Page - Analog Devices AD5801 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Preliminary Technical Data
AD5801
Rev. 0 | Page 3 of 13
SPECIFICATIONS1
VCC = 2.8V to4.5 V, VCC>VDD, GND = 0 V. All specifications TMIN to TMAX, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
Driver Stage2
FA, FB
Switch On Resistance
Ron
PMOS (high switch)
0.5
Ω
NMOS (low switch)
0.5
Ω
Driver Stage2
FC, FD, ZA,-ZD
Drive Current Capability
8
mA
Output High Voltage
VOH
2.4
V
Output Low Voltage
VOL
0.8
V
Analog to Digial Converter Position Sensing
ADC
Resolution
12
LSB
INL
12-bit LSB
1
LSB
DNL
12-bit LSB
1
LSB
Conversion Time3
160
µs
Input Voltage Range in Current Sense Mode
Max Voltage at SENSE
1.5
V
Current Range
Source Current from SENSE
0
300
µA
Input Voltage Range in Voltage Sense Mode
0
TBD
V
Integrated Temperature Sensor
Resolution
2
°C
Range
-30
70
°C
Accuracy
+/-4
°C
Conversion Time
320
µs
External Temperature Sensor
Resolution
°C
Range
-30
70
°C
Input Voltage Range
V
Conversion Time3
160
µs
Input Voltage Range
Input Voltage at POSSENS1
1.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com