Electronic Components Datasheet Search
  English  ▼

X  

AD5801 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5801
Description  Piezo-Electric Actuator Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5801 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5801 Datasheet HTML 5Page - Analog Devices AD5801 Datasheet HTML 6Page - Analog Devices AD5801 Datasheet HTML 7Page - Analog Devices AD5801 Datasheet HTML 8Page - Analog Devices AD5801 Datasheet HTML 9Page - Analog Devices AD5801 Datasheet HTML 10Page - Analog Devices AD5801 Datasheet HTML 11Page - Analog Devices AD5801 Datasheet HTML 12Page - Analog Devices AD5801 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Preliminary Technical Data
AD5801
Rev. 0 | Page 9 of 13
programme up to four transitions within the time set in the
PWMPERIOD Register (See Figure 4 for typical timing
diagrams, with outputs FC and FD as an example).
The number of PWMPERIOD periods is again set in the
AFSTEPS and ZSTEPS Registers. When the outputs are
disabled they can be set configured in a High Impedance, or
High or Low state.
PWMPERIOD
PWMAFCT1
PWMAFCT2
PWMAFDT1
PWMAFDT2
PWM
FC
PWM
FD
PWMAFCT3
PWMAFCT4
PWMAFDT4
PWMAFDT3
Figure 4. Timing Diagram for PWM Drivers.
Temperature Compensation of Drive Patterns
Because of the high temperature coefficients associated with
piezo elements fine tuning of the drive pattern and drive
frequencies are required to ensure the device operates over its
intended temperature range.
In all drive modes it is possible to specify different timing
parameters
for
three
different
temperature
areas..
If
Temperature compensation mode is selected by programming
the appropriate bit to the DRIVEMODE register, the PTAT
temperature is checked at the beginning of the new ACTIVE
move command and depending on the Temperature recorded
the timing data for the move is read from the appropriate
timing register, HOT, COLD or NOMINAL.
The timing registers for all the driver outputs FA-ZD are
duplicated for Hot and Cold operation and the relevant timing
information for the Hot and Cold bands of operation are
programmed in these Registers.
PWM Slope Mode
A piezo element is a block of ceramic material and is basically a
moving capacitor. The electrical energy of the drive patterns are
converted into mechanical reaction energy inside the piezo
element, and the resulting deformation in the material is used
to produce forces to move the lens assembly in an optical
module.
Driving a capacitive element with digital patterns may produce
large surges in power because power is only consumed during
transients and the impedance of the piezo motor can be very
small on the rising and falling edges of a pulse.
TheAD5801 has an alternative driving scheme called the PWM
Slope Mode which can be employed on Channels FA and FB.
The Slope Mode allows the user to control the rise and fall
times of the drive waveform by taking advantage of the energy
storage properties of the series inductor and the resultant LC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com