Electronic Components Datasheet Search
  English  ▼

X  

AD5801 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5801
Description  Piezo-Electric Actuator Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5801 Datasheet(HTML) 5 Page - Analog Devices

  AD5801 Datasheet HTML 1Page - Analog Devices AD5801 Datasheet HTML 2Page - Analog Devices AD5801 Datasheet HTML 3Page - Analog Devices AD5801 Datasheet HTML 4Page - Analog Devices AD5801 Datasheet HTML 5Page - Analog Devices AD5801 Datasheet HTML 6Page - Analog Devices AD5801 Datasheet HTML 7Page - Analog Devices AD5801 Datasheet HTML 8Page - Analog Devices AD5801 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Preliminary Technical Data
AD5801
Rev. 0 | Page 5 of 13
6 A minimum 10µF capacitor is required for LDO_ACT. A 4.7 µF is required at the pin LDO2_COMP.
7 The AD5801 can be programmed for use with an external or internal clock.
8 See Table 3 and Figure 2 for I2C timing specifications.
9 Bringing XSHUTDOWN low disables the I2C interface, on a low to high transition there is a reset on the AD5801.
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameters
Rating
VCC to GND
TBD
Digital Inputs
−0.3 V to (VDD + 0.3 V)
Voltage on Analog Inputs
−0.3 V to (VCC + 0.3 V)
DRPWR pins to GND
-0.3V to TBD
FOUT pins to GND
-0.3V to TBD
ZOUT pins to GND
-0.3V to TBD
Maximum Voltage between GND pins1
±0.3V
Operating Temperature Range
−30°C to +70°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
32-Lead LFCSP
θJA Thermal Impedance
32°C/W
Lead Temperature, Soldering (10 s)
300°C
1This is the maximum allowable voltage between the various
GND pins on the AD5801.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability. Only one absolute maximum rating may be
applied at any one time.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com