Electronic Components Datasheet Search
  English  ▼

X  

AD5801 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5801
Description  Piezo-Electric Actuator Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5801 Datasheet(HTML) 1 Page - Analog Devices

  AD5801 Datasheet HTML 1Page - Analog Devices AD5801 Datasheet HTML 2Page - Analog Devices AD5801 Datasheet HTML 3Page - Analog Devices AD5801 Datasheet HTML 4Page - Analog Devices AD5801 Datasheet HTML 5Page - Analog Devices AD5801 Datasheet HTML 6Page - Analog Devices AD5801 Datasheet HTML 7Page - Analog Devices AD5801 Datasheet HTML 8Page - Analog Devices AD5801 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Monday, May 30, 2005 4:55 PM
Piezo-Electric Actuator Controller
Preliminary Technical Data
AD5801
ev. 0 | Page 1 of 13
FEATURES
Two Efficient Class D-type Amplifiers
Six Integrated Pattern Drivers
Programmable Output Drive Patterns
12-bit ADC Voltage or Current Sensing for Position Feedback
Programmable Shutter Control
On board temperature sensing
Optional Off-board Temperature Sensing
32-lead 5mm X 5mm LFCSP Package
APPLICATIONS
Camera Phones
Piezoelectric Positioning
Piezo Actuators
Lens Auto focus
Lens Zoom
Iris/Exposure
NDF Neutral density Filter
Shutter
Camera Phone
Camera Enabled PDA
Camera/Image Modules
Digital Still Camera DSC
Web Cameras
Security Cameras
Digital Camcorders
GENERAL DESCRIPTION
The AD5801 is a high efficiency ultrasonic motor controller
with two Class D-type output drivers. These Class D-type
drivers can be used independently or configured as an H-bridge
driver, and have full pattern programmability. There are also six
integrated drivers which can be operated independently and
have programmable output patterns. The AD5801 also has
integrated drivers which are programmable from 130mA to
200mA, and may be used for a combination of Shutter and
NDF/IRIS control.
The operation modes of the drivers are invoked by the AD5801
using an I2C compatible interface.
The I2C address for the AD5801 is TBD.
FUNCTIONAL BLOCK DIAGRAM
LDO1
LDO2
Figure 1. AD5801 Functional Block Diagram.
PRODUCT HIGHLIGHTS
1. Eight independent output drivers.
2. Available in 32-Lead (5mm X 5mm) LFCSP package.
3. Multiplexed input 12-bit resolution ADC for voltage or
current measuring.
4. Dual temperature sensing feature, Integrated AD5801
temperature sensing and optional external temperature
reading of position sensor.
6. Low Ron in Auto Focus driver switches, 0.5 Ω max.
7. Fully guaranteed in the 2.8 V to 4.5 V supply range.
8. Integrated Shutter/Iris/NDF optional controls


Similar Part No. - AD5801

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5801 AD-AD5801 Datasheet
395Kb / 6P
Tape and Reel Packaging
AD5801 AD-AD5801 Datasheet
395Kb / 6P
Tape and Reel Packaging
AD58012 AD-AD58012 Datasheet
395Kb / 6P
Tape and Reel Packaging
AD58012 AD-AD58012 Datasheet
395Kb / 6P
Tape and Reel Packaging
More results

Similar Description - AD5801

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FAR-M2SC FUJITSU-FAR-M2SC Datasheet
38Kb / 6P
Piezo Electric VCO
logo
CUI INC
CEB-20D64 CUI-CEB-20D64 Datasheet
255Kb / 4P
piezo electric diaphragm
CEB-27D44 CUI-CEB-27D44 Datasheet
249Kb / 4P
piezo electric diaphragm
CEB-27FD44 CUI-CEB-27FD44 Datasheet
83Kb / 4P
piezo electric diaphragm
CEB-35D26 CUI-CEB-35D26 Datasheet
256Kb / 4P
piezo electric diaphragm
CEB-35FD29 CUI-CEB-35FD29 Datasheet
98Kb / 4P
piezo electric diaphragm
CEB-44D06 CUI-CEB-44D06 Datasheet
283Kb / 4P
piezo electric diaphragm
CEB-20FD64 CUI-CEB-20FD64 Datasheet
326Kb / 4P
piezo electric diaphragm
logo
Festo Corporation.
1347391 FESTO-1347391 Datasheet
92Kb / 2P
Electric actuator
5/8/22
574095 FESTO-574095 Datasheet
92Kb / 2P
Electric actuator
5/8/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com