Electronic Components Datasheet Search
  English  ▼

X  

JFC075C Datasheet(PDF) 14 Page - Tyco Electronics

Part # JFC075C
Description  dc-dc Converters; 18 to 36 Vdc Input; 15 Vdc Output; 50 W to 100 W
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

JFC075C Datasheet(HTML) 14 Page - Tyco Electronics

Back Button JFC075C Datasheet HTML 10Page - Tyco Electronics JFC075C Datasheet HTML 11Page - Tyco Electronics JFC075C Datasheet HTML 12Page - Tyco Electronics JFC075C Datasheet HTML 13Page - Tyco Electronics JFC075C Datasheet HTML 14Page - Tyco Electronics JFC075C Datasheet HTML 15Page - Tyco Electronics JFC075C Datasheet HTML 16Page - Tyco Electronics JFC075C Datasheet HTML 17Page - Tyco Electronics JFC075C Datasheet HTML 18Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Data Sheet
October 1999
14
14
Tyco Electronics Corp.
dc-dc Converters; 18 to 36 Vdc Input, 15 Vdc Output; 50 W to 100 W
JFC050C, JFC075C, JFC100C Power Modules:
Thermal Considerations (continued)
Introduction (continued)
For additional information regarding this module, refer to
the
Thermal Management JC-, JFC-, JW-, and JFW-
Series 50 W to 150 W Board-Mounted Power Modules
Technical Note (TN97-008EPS).
Heat Transfer Without Heat Sinks
Increasing airflow over the module enhances the heat
transfer via convection. Figure 19 shows the maximum
power that can be dissipated by the module without
exceeding the maximum case temperature versus local
ambient temperature (TA) for natural convection
through 4 m/s (800 ft./min.).
Note that the natural convection condition was mea-
sured at 0.05 m/s to 0.1 m/s (10 ft./min. to 20 ft./min.);
however, systems in which this power module may be
used typically generate a natural convection airflow
rate of 0.3 m/s (60 ft./min.) due to other heat dissipating
components in the system. The use of Figure 19 is
shown in the following example.
Example
What is the minimum airflow necessary for a JFC100C
operating at VI = 28 V, an output current of 6.7 A, and a
maximum ambient temperature of 40 °C?
Solution
Given: VI = 28 V
IO = 6.7 A
TA = 40 °C
Determine PD (Use Figure 21.):
PD = 15.5 W
Determine airflow (v) (Use Figure 19.):
v = 1.75 m/s (350 ft./min.)
8-1150 (C).a
Figure 19. Forced Convection Power Derating with
No Heat Sink; Either Orientation
8-1782 (C)
Figure 20. JFC050C Power Dissipation vs. Output
Current at 25 °C
0
102030
40
100
0
35
LOCAL AMBIENT TEMPERATURE, TA (˚C)
25
20
10
90
80
70
60
50
4.0 m/s(800 ft./min.)
0.1 m/s (NAT. CONV.)
(20 ft./min.)
0.5 m/s(100 ft./min.)
1.0 m/s(200 ft./min.)
1.5 m/s(300 ft./min.)
2.0 m/s(400 ft./min.)
2.5 m/s(500 ft./min.)
3.0 m/s(600 ft./min.)
3.5 m/s(700 ft./min.)
5
15
30
1.0
1.5
2.0
2.5
3.0
0
9
OUTPUT CURRENT, IO (A)
7
8
0.0
0.5
10
6
5
4
3
2
1
VI = 36 V
VI = 28 V
VI = 18 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com