Electronic Components Datasheet Search
  English  ▼

X  

JFC075C Datasheet(PDF) 5 Page - Tyco Electronics

Part # JFC075C
Description  dc-dc Converters; 18 to 36 Vdc Input; 15 Vdc Output; 50 W to 100 W
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

JFC075C Datasheet(HTML) 5 Page - Tyco Electronics

  JFC075C Datasheet HTML 1Page - Tyco Electronics JFC075C Datasheet HTML 2Page - Tyco Electronics JFC075C Datasheet HTML 3Page - Tyco Electronics JFC075C Datasheet HTML 4Page - Tyco Electronics JFC075C Datasheet HTML 5Page - Tyco Electronics JFC075C Datasheet HTML 6Page - Tyco Electronics JFC075C Datasheet HTML 7Page - Tyco Electronics JFC075C Datasheet HTML 8Page - Tyco Electronics JFC075C Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Tyco Electronics Corp.
5
Data Sheet
October 1999
dc-dc Converters; 18 to 36 Vdc Input, 15 Vdc Output; 50 W to 100 W
JFC050C, JFC075C, JFC100C Power Modules:
Feature Specifications (continued)
Table 4. Feature Specifications (continued)
Solder, Cleaning, and Drying Considerations
Post solder cleaning is usually the final circuit-board assembly process prior to electrical testing. The result of inad-
equate circuit-board cleaning and drying can affect both the reliability of a power module and the testability of the
finished circuit-board assembly. For guidance on appropriate soldering, cleaning, and drying procedures, refer to
the
Board-Mounted Power Modules Soldering and Cleaning Application Note (AP97-021EPS).
Parameter
Symbol
Min
Typ
Max
Unit
Forced Load Share Accuracy
——
10
—
%IO, rated
Power Good Output
(Open collector output: low level indicates power good.):
Output Sink Current (VO ð 1.5 V)
Maximum Voltage
High-state Internal Impedance to Ground
—
—
—
—
—
—
—
—
200
50
36
—
mA
V
k¾
Thermal Warning
(Open collector output; low level indicates overtemperature
shutdown is imminent.):
Output Sink Current (VO ð 1.5 V)
Maximum Voltage
High-state Internal Impedance to Ground
—
—
—
—
—
—
—
—
200
6
36
—
mA
V
k¾
Overvoltage Shutdown Threshold Adjustment Range
—
50
—
100
%VO, clamp, nom
Overcurrent Threshold Adjustment Range
—
10
—
100
%IO, cli, nom
Overcurrent Shutdown Delay (optional)
——
4
—
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com