Electronic Components Datasheet Search
  English  ▼

X  

JFC075C Datasheet(PDF) 3 Page - Tyco Electronics

Part # JFC075C
Description  dc-dc Converters; 18 to 36 Vdc Input; 15 Vdc Output; 50 W to 100 W
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

JFC075C Datasheet(HTML) 3 Page - Tyco Electronics

  JFC075C Datasheet HTML 1Page - Tyco Electronics JFC075C Datasheet HTML 2Page - Tyco Electronics JFC075C Datasheet HTML 3Page - Tyco Electronics JFC075C Datasheet HTML 4Page - Tyco Electronics JFC075C Datasheet HTML 5Page - Tyco Electronics JFC075C Datasheet HTML 6Page - Tyco Electronics JFC075C Datasheet HTML 7Page - Tyco Electronics JFC075C Datasheet HTML 8Page - Tyco Electronics JFC075C Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Tyco Electronics Corp.
3
Data Sheet
October 1999
dc-dc Converters; 18 to 36 Vdc Input, 15 Vdc Output; 50 W to 100 W
JFC050C, JFC075C, JFC100C Power Modules:
Electrical Specifications (continued)
Table 2. Output Specifications
* Consult your sales representative or the factory.
† These are manufacturing test limits. In some situations, results may differ.
Table 3. Isolation Specifications
Parameter
Device
Symbol
Min
Typ
Max
Unit
Output Voltage Set Point
(VI = 28 V; IO = IO, max; TC = 25 °C)
All
VO, set
14.77
15.0
15.23
Vdc
Output Voltage
(Over all static operating input voltage, resistive
load, and temperature conditions until end of
life; see Figure 10.)
All
VO
14.55
—
15.45
Vdc
Output Regulation:
Line (VI = 18 V to 36 V)
Load (IO = IO, min to IO, max)
Temperature (TC = –40 °C to +100 °C)
All
All
All
—
—
—
—
—
—
0.01
0.05
50
0.1
0.2
150
%VO
%VO
mV
Output Ripple and Noise Voltage
(See Figure 9.):
RMS
Peak-to-peak (5 Hz to 20 MHz)
All
All
—
—
—
—
—
—
60
250
mVrms
mVp-p
External Load Capacitance
All
—
0
—
*µF
Output Current
(At IO < IO, min, the module may exceed output
ripple specifications.)
JFC050C
JFC075C
JFC100C
IO
IO
IO
0.5
0.5
0.5
—
—
—
3.3
5.0
6.7
A
A
A
Output Current-limit Inception
(untrimmed; VO = 90% of VO, nom)
JFC050C
JFC075C
JFC100C
IO, cli
IO, cli
IO, cli
—
—
—
3.8
5.8
7.7
4.3†
6.5†
8.7†
A
A
A
Output Short-circuit Current (VO = 250 mV)
All
——
170
—
%IO, max
Efficiency
(VI = 28 V; IO = IO, max; TC = 70 °C; see
Figure 10.)
JFC050C
JFC075C
JFC100C
η
η
η
—
—
—
84
85
85
—
—
—
%
%
%
Switching Frequency
All
——
500
—
kHz
Dynamic Response
(ýIO/ýt = 1 A/10 µs, VI = 28 V, TC = 25 °C; tested
with a 10 µF aluminum and a 1.0 µF ceramic
capacitor across the load; see Figures 5 and 6):
Load Change from IO = 50% to 75% of IO, max:
Peak Deviation
Settling Time (VO < 10% of peak deviation)
Load Change from IO = 50% to 25% of IO, max:
Peak Deviation
Settling Time (VO < 10% of peak deviation)
All
All
All
All
—
—
—
—
—
—
—
—
3
300
3
300
—
—
—
—
%VO, set
µs
%VO, set
µs
Parameter
Min
Typ
Max
Unit
Isolation Capacitance
—
2500
—
pF
Isolation Resistance
10
——
M¾



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com