Electronic Components Datasheet Search
  English  ▼

X  

JFC075C Datasheet(PDF) 18 Page - Tyco Electronics

Part # JFC075C
Description  dc-dc Converters; 18 to 36 Vdc Input; 15 Vdc Output; 50 W to 100 W
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

JFC075C Datasheet(HTML) 18 Page - Tyco Electronics

Back Button JFC075C Datasheet HTML 12Page - Tyco Electronics JFC075C Datasheet HTML 13Page - Tyco Electronics JFC075C Datasheet HTML 14Page - Tyco Electronics JFC075C Datasheet HTML 15Page - Tyco Electronics JFC075C Datasheet HTML 16Page - Tyco Electronics JFC075C Datasheet HTML 17Page - Tyco Electronics JFC075C Datasheet HTML 18Page - Tyco Electronics JFC075C Datasheet HTML 19Page - Tyco Electronics JFC075C Datasheet HTML 20Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
Tyco Electronics Corp.
Data Sheet
October 1999
dc-dc Converters; 18 to 36 Vdc Input, 15 Vdc Output; 50 W to 100 W
JFC050C, JFC075C, JFC100C Power Modules:
Recommended Hole Pattern
Component-side footprint.
Dimensions are in millimeters and (inches).
8-1397 (C).b
2.54 (0.100)
2.54
(0.100)
7.62
(0.300)
5.08 (0.200)
5.08 (0.200)
5.08 (0.200)
2.54
(0.100)
MOUNTING INSERTS
MODULE OUTLINE
5.1 (0.20)
48.3 (1.90)
57.9 (2.28) MAX
4.8
(0.19)
35.56
(1.400)
50.8
(2.00)
12.7
(0.50)
10.16 (0.400)
35.56
(1.400)
61.0
(2.40)
MAX
48.26 (1.900)
VI(+)
CASE
VO(-)
VO(+)
SYNC OUT
SYNC IN
ON/OFF
VI(-)
DETAIL A
PARALLEL
PWRGOOD
OCTRIM
TEMPWARN
SENSE(-)
S-ON/OFF
CURMON
OVTRIM
VOTRIM
SENSE(+)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com