Electronic Components Datasheet Search
  English  ▼

X  

JFC075C Datasheet(PDF) 6 Page - Tyco Electronics

Part # JFC075C
Description  dc-dc Converters; 18 to 36 Vdc Input; 15 Vdc Output; 50 W to 100 W
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

JFC075C Datasheet(HTML) 6 Page - Tyco Electronics

Back Button JFC075C Datasheet HTML 2Page - Tyco Electronics JFC075C Datasheet HTML 3Page - Tyco Electronics JFC075C Datasheet HTML 4Page - Tyco Electronics JFC075C Datasheet HTML 5Page - Tyco Electronics JFC075C Datasheet HTML 6Page - Tyco Electronics JFC075C Datasheet HTML 7Page - Tyco Electronics JFC075C Datasheet HTML 8Page - Tyco Electronics JFC075C Datasheet HTML 9Page - Tyco Electronics JFC075C Datasheet HTML 10Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Data Sheet
October 1999
6
6
Tyco Electronics Corp.
dc-dc Converters; 18 to 36 Vdc Input, 15 Vdc Output; 50 W to 100 W
JFC050C, JFC075C, JFC100C Power Modules:
Characteristic Curves
The following figures provide typical characteristics for the power modules. The figures are applicable to both on/off
configurations.
8-1776 (C)
Figure 1. Typical JFC100C Input Characteristics at
Room Temperature
8-1778 (C)
Figure 2. Typical JFC100C Output Characteristics
at Room Temperature
8-1780 (C)
Figure 3. Typical JFC100C Converter Efficiency vs.
Output Current at Room Temperature
8-2026 (C)
Note: See Figure 9 for test conditions.
Figure 4. Typical JFC100C Output Ripple Voltage
at Room Temperature, 28 V Input, IO =
Full Load
Characteristic Curves (continued)
10
40
0
6
INPUT VOLTAGE, V I (V)
4
5
0
5
3
2
1
7
8
15
20
25
30
35
VI = 6.6 A
VI = 3.3 A
VI = 0.33 A
28
9
0
12
OUTPUT CURRENT, IO (A)
8
10
0
1
6
4
2
VI = 36 V
VI = 28 V
VI = 18 V
14
16
3456
7
23
4
5
6
76
84
OUTPUT CURRENT, IO (A)
82
83
0
1
87
81
80
79
78
77
VI = 36 V
VI = 28 V
VI = 18 V
85
86
TIME, t (1 µs/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com