Electronic Components Datasheet Search
  English  ▼

X  

LT4293 Datasheet(PDF) 5 Page - Analog Devices

Part # LT4293
Description  24-/48-Port IEEE 802.3bt PoE PSE Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4293 Datasheet(HTML) 5 Page - Analog Devices

  LT4293 Datasheet HTML 1Page - Analog Devices LT4293 Datasheet HTML 2Page - Analog Devices LT4293 Datasheet HTML 3Page - Analog Devices LT4293 Datasheet HTML 4Page - Analog Devices LT4293 Datasheet HTML 5Page - Analog Devices LT4293 Datasheet HTML 6Page - Analog Devices LT4293 Datasheet HTML 7Page - Analog Devices LT4293 Datasheet HTML 8Page - Analog Devices LT4293 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
Data Sheet
LTC9101-2B/LTC9102
ORDER INFORMATION
analog.com
Rev. 0 | 5 of 39
Table 3.
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC9101AUF-2B#PBF
LTC9101AUF-2B#TRPBF
9101B
24-Lead (4mm × 4mm) Plastic QFN
–40°C to 85°C
LTC9102AUKJ#PBF
LTC9102AUKJ#TRPBF
LTC9102
64-Lead (7mm × 11mm) Plastic QFN
–40°C to 85°C
Contact the factory for parts specified with wider operating temperature ranges. Tape and reel specifications. Some packages are available in 500 unit reels through designated
sales channels with #TRMPBF suffix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com