Electronic Components Datasheet Search
  English  ▼

X  

LT4293 Datasheet(PDF) 9 Page - Analog Devices

Part # LT4293
Description  24-/48-Port IEEE 802.3bt PoE PSE Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4293 Datasheet(HTML) 9 Page - Analog Devices

Back Button LT4293 Datasheet HTML 5Page - Analog Devices LT4293 Datasheet HTML 6Page - Analog Devices LT4293 Datasheet HTML 7Page - Analog Devices LT4293 Datasheet HTML 8Page - Analog Devices LT4293 Datasheet HTML 9Page - Analog Devices LT4293 Datasheet HTML 10Page - Analog Devices LT4293 Datasheet HTML 11Page - Analog Devices LT4293 Datasheet HTML 12Page - Analog Devices LT4293 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
Data Sheet
LTC9101-2B/LTC9102
ELECTRICAL CHARACTERISTICS
analog.com
Rev. 0 | 9 of 39
Note 10: If a fault condition occurs during an I2C transaction, the INT pin will not be pulled down until a stop condition is present on the I2C bus.
Note 11: Load characteristics of the LTC9102 during Mark: 7V < (AGND – VOUTn) < 10V
Note 12: See the LTC9101-2B Software Interface guide for information on serial bus usage and device configuration and status registers.
Note 13: Do not source or sink current from CAP1, CAP2, CAP3 and CAP4.
Note 14: Port current and port power measurements depend on sense resistor value (0.1Ω typical). See the External Component Selection
section for details.
Note 15: See the Inrush Control section for details on inrush threshold selection.
Note 16: ADC characteristics and typical performance are described in terms of LTC9102 hardware capability. Measurements from LTC9102
are processed and synthesized by the LTC9101-2B. See LTC9101-2B Software Interface guide for register descriptions and LSB weights, as
presented to the user (port current, port voltage, VEE voltage, and system temperature).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com