Electronic Components Datasheet Search
  English  ▼

X  

LT4293 Datasheet(PDF) 30 Page - Analog Devices

Part # LT4293
Description  24-/48-Port IEEE 802.3bt PoE PSE Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4293 Datasheet(HTML) 30 Page - Analog Devices

Back Button LT4293 Datasheet HTML 26Page - Analog Devices LT4293 Datasheet HTML 27Page - Analog Devices LT4293 Datasheet HTML 28Page - Analog Devices LT4293 Datasheet HTML 29Page - Analog Devices LT4293 Datasheet HTML 30Page - Analog Devices LT4293 Datasheet HTML 31Page - Analog Devices LT4293 Datasheet HTML 32Page - Analog Devices LT4293 Datasheet HTML 33Page - Analog Devices LT4293 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
Data Sheet
LTC9101-2B/LTC9102
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 30 of 39
Two complete copies of the firmware image are maintained under
separate ECC and CRC protection for maximum data protection.
Stored Configurations
Custom I2C register map initial values may optionally be stored in
a dedicated flash partition (configuration package). When shipped
from the factory, the LTC9101-2B contains a default configuration
package where register map initial values are as specified in the
LTC9101-2B Software Interface guide. Register map default config-
urations may be stored during manufacturing bring up or field-up-
dated via configuration package download and will be auto-loaded
at boot.
Contact ADI applications support for assistance in generating
custom configuration packages. Configuration packages are down-
loaded using the same code download mechanisms as firmware
packages. Package headers ensure configuration packages are
verified and stored in the appropriate flash partition.
With a configuration package, the user may override the PWRMD0
pin and specify the maximum power level for each port. The user
may override the AD[4:1] pins and specify the I2C chip addresses of
each quad. The CFG[1:0] pins are still required to be set, as these
pins inform the LTC9101-2B how many LTC9102s are attached.
Two identical copies of the configuration image are maintained un-
der separate ECC and CRC protection for maximum data integrity.
SERIAL DIGITAL INTERFACE
Overview
The LTC9101-2B communicates with the host using a standard
SMBus/I2C 2-wire interface. The LTC9101-2B is a subordinate
device, and communicates with the host controller using standard
SMBus protocols. Interrupts are signaled to the host via INT. The
timing diagrams (Figure 31 through Figure 35) show typical commu-
nication waveforms and their timing relationships. More information
about the SMBus data protocols can be found at www.smbus.org.
Bus Addressing
The LTC9101-2B’s primary 7-bit serial bus address is
01A4A3A2A10b, with bits 4:1 set by AD[4:1] respectively. See Table
8 for device configuration options. Depending on device configura-
tion, up to 12 I2C addresses will be populated from the I2C base
address upwards. All LTC9101-2Bs also respond to the broadcast
address 1111111b, allowing the host to write the same command
(typically configuration commands) to multiple LTC9101-2Bs in a
single transaction. If the LTC9101-2B is asserting INT, it will also
respond to the alert response address (0001100b) per the SMBus
specification.
Each LTC9101-2B/LTC9102 is logically composed of multiple four
port groups, known as quads, each packed into a single I2C
address. See the Device Configuration section for details. For
example, if CFG[1:0] is set to 00, an LTC9101-2B is configured as
a 12-port device when attached to an LTC9102 (see Table 8). This
configuration requires consecutive I2C addresses, with quad offset
0 starting at the I2C base address.
Interrupts and SMBAlert
Most port events can be configured to trigger an interrupt, asserting
INT and alerting the host to the event. This removes the need for
the host to poll the LTC9101-2B, minimizing serial bus traffic and
conserving host CPU cycles. Multiple LTC9101-2Bs can share a
common INT line, with the host using the SMBAlert protocol (ARA)
to determine which LTC9101-2B caused an interrupt.
Register Description
For information on serial bus usage and device configuration and
status, refer to the LTC9101-2B Software Interface guide. To re-
quest the Software Interface guide, please complete the Software
Request Form.
ISOLATION REQUIREMENTS
IEEE 802.3 Ethernet specifications require that network segments
(including PoE circuitry) be electrically isolated from the chassis
ground of each network interface device. However, network seg-
ments are not required to be isolated from each other, provided
that the segments are connected to devices residing within a single
building on a single power distribution system.
If the PSE is part of a larger system, contains additional external
non-Ethernet ports, or must be referenced to protective ground for
some other reason, the PoE subsystem must be electrically isolated
from the rest of the system.
The LTC9101-2B/LTC9102 chipset simplifies PSE isolation by al-
lowing the LTC9101-2B chip to reside on the non-isolated side.
There it can receive power from the main logic supply and con-
nect directly to the I2C/SMBus bus. In this case, the SDAIN and
SDAOUT pins can be tied together and will act as a standard I2C/
SMBus SDA pin. Isolation between the LTC9101-2B and LTC9102
is implemented using a proprietary transformer-based communica-
tion protocol. Additional details are provided in the High-Speed
Data Interface section of this data sheet.
For simple devices, such as unmanaged PoE switches, the isola-
tion requirement can be met by using an isolated main power
supply for the entire device. This strategy can be used if the
device has no electrically conducting ports other than twisted-pair
Ethernet. The LTC9101-2B may directly connect to the LTC9102s
in the above circumstances, or if the system already provides
isolation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com