Electronic Components Datasheet Search
  English  ▼

X  

DS3102 Datasheet(PDF) 75 Page - Maxim Integrated Products

Part # DS3102
Description  Stratum 3 Timing Card IC with Synchronous Ethernet Support
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3102 Datasheet(HTML) 75 Page - Maxim Integrated Products

Back Button DS3102 Datasheet HTML 71Page - Maxim Integrated Products DS3102 Datasheet HTML 72Page - Maxim Integrated Products DS3102 Datasheet HTML 73Page - Maxim Integrated Products DS3102 Datasheet HTML 74Page - Maxim Integrated Products DS3102 Datasheet HTML 75Page - Maxim Integrated Products DS3102 Datasheet HTML 76Page - Maxim Integrated Products DS3102 Datasheet HTML 77Page - Maxim Integrated Products DS3102 Datasheet HTML 78Page - Maxim Integrated Products DS3102 Datasheet HTML 79Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 141 page
background image
____________________________________________________________________________________________ DS3102
Rev: 102607
75 of 141
Register Name:
MCR2
Register Description:
Master Configuration Register 2
Register Address:
33h
Bit #
7
6
5
4
3
2
1
0
Name
—
—
—
—
T0FORCE[3:0]
Default
0
0
0
0
1
1
1
1
Bits 3 to 0: T0 DPLL Force Selected Reference (T0FORCE[3:0]). This field provides a way to force a specified
input clock to be the selected reference for the T0 DPLL. Internally this is accomplished by forcing the clock to have
the highest priority (as specified in PTAB1:REF1). In revertive mode (MCR3:REVERT = 1) the forced clock
automatically becomes the selected reference (as specified in PTAB1:SELREF) as well. In nonrevertive mode the
forced clock only becomes the selected reference when the existing selected reference is invalidated or made
unavailable for selection.
When a reference is forced, the activity monitor and frequency monitor for that input and the T0 DPLL’s loss-of-lock
timeout logic all continue to operate and affect the relevant VALSR and MSR register bits. However, when the
reference is declared invalid the T0 DPLL is not allowed to switch to another input clock. The T0 DPLL continues to
respond to the fast activity monitor, transitioning to mini-holdover in response to short-term events and to full
holdover in response to longer events. See Section 7.6.3.
0000 = Automatic source selection (normal operation)
0001 = Force to IC1
0010 = Force to IC2
0011 = Force to IC3
0100 = Force to IC4
0101 = Force to IC5
0110 = Force to IC6
0111 = {unused value}
1000 = Force to IC8
1001 = Force to IC9
1010–1110 = {unused values}
1111 = Automatic source selection (normal operation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com