Electronic Components Datasheet Search
  English  ▼

X  

DS3102 Datasheet(PDF) 39 Page - Maxim Integrated Products

Part # DS3102
Description  Stratum 3 Timing Card IC with Synchronous Ethernet Support
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3102 Datasheet(HTML) 39 Page - Maxim Integrated Products

Back Button DS3102 Datasheet HTML 35Page - Maxim Integrated Products DS3102 Datasheet HTML 36Page - Maxim Integrated Products DS3102 Datasheet HTML 37Page - Maxim Integrated Products DS3102 Datasheet HTML 38Page - Maxim Integrated Products DS3102 Datasheet HTML 39Page - Maxim Integrated Products DS3102 Datasheet HTML 40Page - Maxim Integrated Products DS3102 Datasheet HTML 41Page - Maxim Integrated Products DS3102 Datasheet HTML 42Page - Maxim Integrated Products DS3102 Datasheet HTML 43Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 141 page
background image
____________________________________________________________________________________________ DS3102
Rev: 102607
39 of 141
DIG2F[1:0] field in MCR7. DIG1 and DIG2 can be independently configured for any of the frequencies shown in
Table 7-8 and Table 7-9, respectively.
The APLL DFS blocks and their associated output APLLs and output dividers can generate many different
frequencies. The T0 APLL DFS and the T0 APLL2 DFS are always connected to the T0 DPLL. The T4 APLL DFS
can be connected to either the T0 DPLL or the T4 DPLL depending on T0CR1:T4APT0 and MCR4:LKT4T0. The
T0 APLL frequencies that can be generated are listed in Table 7-11. The T0 APLL2 frequency is always
312.500MHz. The T4 APLL frequencies that can be generated are listed in Table 7-13. The output frequencies that
can be generated from the APLL circuits are listed in Table 7-10.
The T4 APLL is disabled and powered down when T4CR1:T4FREQ = 0000 and T0CR1:T4APT0 = 0. In this mode
all outputs connected to the T4 APLL are driven low.
Together the T0 APLL, T0 APLL2, and T4 APLL can simultaneously generate SONET/SDH clock rates, Gigabit
Ethernet clock rates (e.g., 125MHz), and 10G Ethernet clock rates (e.g., 156.25MHz), all locked to the same
selected reference. This capability supports mixed SONET/SDH and Synchronous Ethernet line cards.
7.8.2.3 OC1 to OC7 Configuration
The following is a step-by-step procedure for configuring the frequencies of output clocks OC1 to OC7:
1) Determine whether the T4 APLL must be independent of the T0 DPLL. If the T4 APLL must be
independent, set T4APT0 = 0 in register T0CR1. If the T4 APLL must be locked to the T0
DPLL, set T4APT0 = 1.
2) Use Table 7-10 to select a set of output frequencies for each APLL, T0 and T4. Each APLL
can only generate one set of output frequencies. (In SONET/SDH equipment, the T0 APLL is
typically configured for a frequency of 311.04MHz to get 19.44MHz and/or 38.88MHz output
clocks to distribute to system line cards.)
3) Determine from Table 7-10 the T0 and T4 APLL frequencies required for the frequency sets
chosen in step 2.
4) Configure the T0FREQ field in register T0CR1 as shown in Table 7-11 for the T0 APLL
frequency determined in step 3. Configure the T4FREQ field in register T4CR1 as shown in
Table 7-13 for the T4 APLL frequency determined in step 3. If the T4 APLL is locked to the T0
DPLL, the T4APT0 and T0FT4 fields in T0CR1 must also be configured as shown in Table
7-13.
5) Using Table 7-10 and Table 7-14, configure the frequencies of output clocks OC1 to OC7 in
the OFREQn fields of registers OCR1 to OCR4 and the AOFn bit in the OCR5 register.
Table 7-15 lists all standard frequencies for the output clocks and specifies how to configure the T0 APLL and/or
the T4 APLL to obtain each frequency. Table 7-15 also indicates the expected jitter amplitude for each frequency.
Table 7-8. Digital1 Frequencies
DIG1F[1:0]
SETTING IN
MCR7
DIG1SS
SETTING IN
MCR6
FREQUENCY
(MHz)
JITTER
(pk-pk ns,
typ)
00
0
2.048
< 1
01
0
4.096
< 1
10
0
8.192
< 1
11
0
16.384
< 1
00
1
1.544
< 1
01
1
3.088
< 1
10
1
6.176
< 1
11
1
12.352
< 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com