Electronic Components Datasheet Search
  English  ▼

X  

DS3102 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # DS3102
Description  Stratum 3 Timing Card IC with Synchronous Ethernet Support
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3102 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button DS3102 Datasheet HTML 9Page - Maxim Integrated Products DS3102 Datasheet HTML 10Page - Maxim Integrated Products DS3102 Datasheet HTML 11Page - Maxim Integrated Products DS3102 Datasheet HTML 12Page - Maxim Integrated Products DS3102 Datasheet HTML 13Page - Maxim Integrated Products DS3102 Datasheet HTML 14Page - Maxim Integrated Products DS3102 Datasheet HTML 15Page - Maxim Integrated Products DS3102 Datasheet HTML 16Page - Maxim Integrated Products DS3102 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 141 page
background image
____________________________________________________________________________________________ DS3102
Rev: 102607
13 of 141
6.
Pin Descriptions
Table 6-1. Input Clock Pin Descriptions
PIN NAME
(1)
TYPE
(2)
PIN DESCRIPTION
REFCLK
I
Reference Clock. Connect to a 12.800MHz, high-accuracy, high-stability, low-noise local
oscillator (TCXO, OCXO, or XO). See Section 7.3.
IC1POS,
IC1NEG
IDIFF
Input Clock 1. LVDS/LVPECL or CMOS/TTL. Programmable frequency (default 8kHz).
LVDS/LVPECL:
See Table 10-4, Figure 10-1, and Figure 10-2.
CMOS/TTL:
Bias IC1NEG to 1.4V and connect the single-ended signal to IC1POS.
IC2POS,
IC2NEG
IDIFF
Input Clock 2. LVDS/LVPECL or CMOS/TTL. Programmable frequency (default 8kHz).
LVDS/LVPECL:
See Table 10-4, Figure 10-1, and Figure 10-2.
CMOS/TTL:
Bias IC2NEG to 1.4V and connect the single-ended signal to IC2POS.
This input can be associated with the SYNC3 pin.
IC3
IPD
Input Clock 3. CMOS/TTL. Programmable frequency (default 8kHz). This input can be
associated with the SYNC1 pin.
IC4
IPD
Input Clock 4. CMOS/TTL. Programmable frequency (default 8kHz). This input can be
associated with the SYNC2 pin.
IC5POS,
IC5NEG
IDIFF
Input Clock 5. LVDS/LVPECL or CMOS/TTL. Programmable frequency (default 19.44MHz).
LVDS/LVPECL:
See Table 10-4, Figure 10-1, and Figure 10-2.
CMOS/TTL:
Bias IC5NEG to 1.4V and connect the single-ended signal to IC5POS.
This input can be associated with the SYNC1 pin.
IC6POS,
IC6NEG
IDIFF
Input Clock 6. LVDS/LVPECL or CMOS/TTL. Programmable frequency (default 19.44MHz).
LVDS/LVPECL:
See Table 10-4, Figure 10-1, and Figure 10-2.
CMOS/TTL:
Bias IC6NEG to 1.4V and connect the single-ended signal to IC6POS.
This input can be associated with the SYNC2 pin.
IC8
IPD
Input Clock 8. CMOS/TTL. Programmable input reference (default 19.44MHz).
IC9
IPD
Input Clock 9. CMOS/TTL. Programmable frequency (default 19.44MHz). This input can be
associated with the SYNC3 pin.
SYNC1
IPD
Frame-Sync 1 Input. 2kHz, 4kHz, or 8kHz.
FSCR3:SOURCE ! = 11XX. This pin is the external frame-sync input associated with any input
pin using the FSCR3:SOURCE field.
FSCR3:SOURCE = 11XX. This pin is the external frame-sync signal associated with IC3 or
IC5, depending on which one is currently selected and the setting of FSCR1.SYNCSRC[1:0].
SYNC2
IPD
Frame-Sync 2 Input. 2kHz, 4kHz, or 8kHz.
FSCR3:SOURCE ! = 11XX. This pin is not used for the external frame-sync signal.
FSCR3:SOURCE = 11XX. This pin is the external frame-sync signal associated with IC4 or
IC6, depending on which one is currently selected and the setting of FSCR1.SYNCSRC[1:0].
SYNC3
IPU
Frame-Sync 3 Input. 2kHz, 4kHz, or 8kHz.
FSCR3:SOURCE ! = 11XX. This pin is not used for the external frame-sync signal.
FSCR3:SOURCE = 11XX. This pin is the external frame-sync signal associated with IC9 or
IC2, depending on which one is currently selected and the setting of FSCR1.SYNCSRC[1:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com