Electronic Components Datasheet Search
  English  ▼

X  

SM6801AB Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # SM6801AB
Description  Class-D Mono Amplifier for Portable Device
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6801AB Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  SM6801AB Datasheet HTML 1Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 2Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 3Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
SM6801A
SEIKO NPC CORPORATION —3
SPECIFICATIONS
Absolute Maximum Ratings
I
Maximum junction temperature: TMAX = 125°C
I
Operating ambient temperature: Ta = [
°C]
I
Thermal resistance:
θJ = 78.0°C/W
Recommended Operating Conditions
VSS = VSS1 = VSS2 = 0V, VDDS = VDD1 = VDD2, VDDP = VDD3 = VDD4 unless otherwise noted.
Note. VDDP ≥ VDDS
VDDS and VDDP should be applied simultaneously.
Parameter
Symbol
Rating
Unit
Supply voltage range
VDDS
−0.3 to 4.6
V
VDDP
−0.3 to 7.0
V
VSS
0V
Input voltage range
VIN
VSS − 0.3 to VDDS + 0.3
V
Storage temperature range
TSTG
−55 to 125
°C
Output current
IO
300
mA
Power dissipation
PD
1280 (Ta = 25
°C)*1
*1. When mounted on a 3.5cm
× 3.5cm board, the power dissipation is related to the operating temperature by the
following equation.
mW
Parameter
Symbol
Rating
Unit
Supply voltage 1
VDDS
2.0 to 3.6
V
Supply voltage 2
VDDP
2.0 to 5.5
V
Supply voltage difference
VDD3 − VDD4
± 0.1
V
Operating ambient temperature
Ta
−40 to 85
°C
P =
(TMAX
− Ta)
θ
D
J
0.51
0.76
1.02
1.28
0
0.2
0.4
0.6
0.8
1
1.2
1.4
25
35
45
55
65
75
85
Operating temperature [
°C]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com