Electronic Components Datasheet Search
  English  ▼

X  

SM6801AB Datasheet(PDF) 10 Page - Nippon Precision Circuits Inc

Part # SM6801AB
Description  Class-D Mono Amplifier for Portable Device
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6801AB Datasheet(HTML) 10 Page - Nippon Precision Circuits Inc

Back Button SM6801AB Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 9Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 10Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 11Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 12Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 13Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 14Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
SM6801A
SEIKO NPC CORPORATION —10
Input Equalizer (IN, EQP, EQN)
An input equalizer network can be connected to pins IN, EQP and EQN, as shown in the input equivalent cir-
cuit and equalizer circuit below.
The frequency response of the equalizer circuit is given by the following equation, where
ƒ is the frequency.
Dynamic Range Compression Mode (DRCN)
The dynamic range compression mode is set when DRCN is LOW. When a compression mode is used, the gain
for small input signals is increased while large input signals are converted using a curve that performs soft-clip-
ping. This increases the average sound pressure level emitted from the speaker during playback.
EQN
VREF1
EQP 5
6
R04
R03 C03
C04
R01
60k
R02 C02
60k
IN
4
C01
IN'
+
−
Response =
20 × log
10
[dB]
11
60000
1
R04
++
+ 2πƒC04
1
2
πƒC03
R03
+
+
1
2
πƒC01
1
1
60000
1
R01
+
1
+
1
2
πƒC02
R02
+
1
-20
-15
-10
-5
0
5
10
-40
-35
-30
-25 -20
-15
-10
-5
0
5
10
-40
-35
-30
-25
Input [dBV]
normal mode
DRC mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com