Electronic Components Datasheet Search
  English  ▼

X  

SM6801AB Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM6801AB
Description  Class-D Mono Amplifier for Portable Device
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6801AB Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM6801AB Datasheet HTML 1Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 2Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 3Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SM6801A
SEIKO NPC CORPORATION —1
Class-D Mono Amplifier for Portable Device
OVERVIEW
The SM6801A is an analog-input, class-D mono amplifier. Class-D operation provides high efficiency and low
power consumption. The device also incorporates an original real-time operation dynamic range compression
function that effectively suppresses the distortion in the saturation level region output by soft-clipping, boost-
ing the average sound pressure from the speaker during playback. It also incorporates an input equalizer pin for
output speaker frequency characteristics adjustment. These features make the device ideal for use in mobile
telephones and speaker applications requiring miniaturization and high-efficiency. The output stage has a BTL
output configuration where the output waveform inverts only the modulation components, enabling direct drive
connection, without using an LC filter, to a dynamic speaker. The device is available in miniature 16-pin QFN
packages, and requires only a peripheral chip capacitor to form a miniature amplifier circuit.
FEATURES
I
Operating supply voltage
•VDDS = 2.0 to 3.6V (input, logic)
•VDDP = 2.0 to 5.5V (output)
I
Low current consumption: 4.2mA (VDD = 3.6V)
1.6mA (VDD = 2.4V)
I
Output power: 0.7W (VDD = 3.6V, 8Ω load)
0.28W (VDD = 2.4V, 8Ω load)
I
Output fundamental frequency: 125kHz
I
Gain
• 6dB (Normal)
• 15dB to 6dB automatic adjustment in response
to the input level
(Dynamic range compression mode)
I
Silicon-gate CMOS process
I
Package: 16-pin QFN
APPLICATIONS
I
Cellular phone
I
PDA
I
Digital still camera
ORDERING INFORMATION
PINOUT
(Top view)
PACKAGE DIMENSIONS
(Unit: mm)
Device
Package
SM6801AB
16-pin QFN
TESTN
VSS1
EQN
EQP
VDD4
PDWN
VDD2
MUTEN
TOP VIEW
BOTTOM VIEW
3.0 ± 0.08
0.22 ± 0.05
C 0.3
1.8
φ 0.05 M
S
0.02 S AB
0.5
B
SA
0.2 S
S
0.05
A
B


Similar Part No. - SM6801AB

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
SM6801A MSK-SM6801A Datasheet
92Kb / 1P
Linear Constant Current LED Driver, Fixed 100mA
logo
SamHop Microelectronics...
SM6801A SAMHOP-SM6801A Datasheet
92Kb / 1P
Linear Constant Current LED Driver, Fixed 100mA
More results

Similar Description - SM6801AB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7480 STMICROELECTRONICS-TDA7480 Datasheet
177Kb / 10P
10W MONO CLASS-D AMPLIFIER
Sep-1998
TDA7481 STMICROELECTRONICS-TDA7481 Datasheet
143Kb / 6P
10W MONO CLASS-D AMPLIFIER
Feb-1998
TDA7482 STMICROELECTRONICS-TDA7482 Datasheet
112Kb / 6P
25W MONO CLASS-D AMPLIFIER
Jun-1998
logo
Nippon Precision Circui...
SM6800A NPC-SM6800A Datasheet
169Kb / 12P
Class-D Mono Amplifier for Mobile Telephones
SM6802A NPC-SM6802A Datasheet
213Kb / 15P
Class-D Stereo Amplifier for Portable Device
logo
Maxim Integrated Produc...
MAX9830 MAXIM-MAX9830 Datasheet
1Mb / 11P
Mono 2W Class D Amplifier
Rev 0; 8/09
MAX98300 MAXIM-MAX98300 Datasheet
1Mb / 14P
Mono 2.6W Class D Amplifier
Rev 0; 7/10
logo
NXP Semiconductors
TFA9879 NXP-TFA9879 Datasheet
1Mb / 60P
Mono BTL class-D audio amplifier for portable applications with digital input
Rev. 02-15 October 2010
TFA9879 PHILIPS-TFA9879_15 Datasheet
1Mb / 60P
Mono BTL class-D audio amplifier for portable applications
Rev. 02-15 October 2010
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
Mono Class-D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com