Electronic Components Datasheet Search
  English  ▼

X  

SM6801AB Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # SM6801AB
Description  Class-D Mono Amplifier for Portable Device
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6801AB Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  SM6801AB Datasheet HTML 1Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 2Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 3Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SM6801A
SEIKO NPC CORPORATION —4
Electrical Characteristics
DC Characteristics
Standard voltage
VSS1 = VSS2 = 0V, VDD1 = VDD2 = 2.7 to 3.6V, VDD3 = VDD4 = 2.7 to 5.5V, Ta =
−40 to 85°C unless oth-
erwise noted.
Note 1. MUTEN = HIGH, PDWN = HIGH, input and VREF1 connected by 600
Ω, DRCN = HIGH, no-load output
Note 2. MUTEN = LOW, PDWN = LOW, input and VREF1 connected by 600
Ω, DRCN = HIGH, no-load output
Low voltage
VSS1 = VSS2 = 0V, VDD1 = VDD2 = VDD3 = VDD4 = 2.0 to 3.2V, Ta =
−40 to 85°C unless otherwise noted.
Note 1. MUTEN = HIGH, PDWN = HIGH, input and VREF1 connected by 600
Ω, DRCN = HIGH, no-load output
Note 2. MUTEN = LOW, PDWN = LOW, input and VREF1 connected by 600
Ω, DRCN = HIGH, no-load output
Note. The usage with direct coupling to load is recommended for operating VDD1, VDD2, VDD3 and VDD4 at
≤ 2.4V. When using LC-type LPF, the
ringing phenomena due to rush current may be judged as short-circuit of the load. In this case, the normal operation will start after the mute for 5
seconds.
Parameter
Pin
Symbol
Conditions
Rating
Unit
min
typ
max
Current consumption
VDD1
IDD1A
(Note 1)
–
3.8
6.0
mA
IDD1S
(Note 2)
–
0.1
0.5
µA
VDD2
IDDAA
(Note 1)
VDD3 = VDD4 = 3.6V
–
0.3
1.5
mA
VDD3 = VDD4 = 5V
–
1.0
6.0
mA
IDDAS
(Note 2)
VDD3 = VDD4 = 3.6V
–
0.1
0.3
µA
VDD3 = VDD4 = 5V
–
0.1
0.3
µA
Input voltage 1
TESTN, DRCN
VIH1
HIGH level
0.7VDD1
––
V
VIL1
LOW level
–
–
0.3VDD1
V
Input voltage 2
MUTEN, PDWN
VIH2
HIGH level
1.6
–
–
V
VIL2
LOW level
–
–
0.4
V
Input current 1
TESTN, DRCN,
MUTEN, PDWN
IIL1
VIN = VSS
−
–90
µA
Input current 2
ILH1
VIN = VDDS
−−
1.0
µA
Parameter
Pin
Symbol
Conditions
Rating
Unit
min
typ
max
Current consumption
VDD1
IDD1A
(Note 1)
–
1.6
6.0
mA
IDD1S
(Note 2)
–
0.1
0.5
µA
VDD2
IDDAA
(Note 1)
–
0.2
1.5
mA
IDDAS
(Note 2)
–
0.1
0.3
µA
Input voltage 1
TESTN, DRCN
VIH1
HIGH level
0.7VDD1
––
V
VIL1
LOW level
–
–
0.3VDD1
V
Input voltage 2
MUTEN, PDWN
VIH2
HIGH level
1.6
–
–
V
VIL2
LOW level
–
–
0.4
V
Input current 1
TESTN, DRCN,
MUTEN, PDWN
IIL1
VIN = VSS
−
–90
µA
Input current 2
ILH1
VIN = VDDS
−−
1.0
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com