Electronic Components Datasheet Search
  English  ▼

X  

SM6801AB Datasheet(PDF) 6 Page - Nippon Precision Circuits Inc

Part # SM6801AB
Description  Class-D Mono Amplifier for Portable Device
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6801AB Datasheet(HTML) 6 Page - Nippon Precision Circuits Inc

Back Button SM6801AB Datasheet HTML 2Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 3Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 9Page - Nippon Precision Circuits Inc SM6801AB Datasheet HTML 10Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
SM6801A
SEIKO NPC CORPORATION —6
Analog Output Characteristics (OUTP, OUTN)
Standard voltage: VDD1 = VDD2 = VDD3 = VDD4 = 3.6V, VSS1 = VSS2 = 0V
Note 1. DRCN = HIGH, 217Hz ripple frequency, 0.2Vrms ripple amplitude on VDD1/VDD2/VDD3/VDD4, input and VREF1 connected by 600
Ω.
Low voltage: VDD1 = VDD2 = VDD3 = VDD4 = 2.4V, VSS1 = VSS2 = 0V
Parameter
Symbol
Conditions
Rating
Unit
min
typ
max
Voltage gain 1
A1
DRCN = HIGH,
input amplitude = 0.1Vrms
4.0
6.0
8.0
dB
Voltage gain 2
A2
DRCN = LOW,
input amplitude = 0.05Vrms
13.0
15.0
17.0
dB
Residual noise voltage
VNS
DRCN = HIGH,
input and VREF1 connected by 600
Ω
–
78
120
µVrms
Total harmonic distortion
+ noise
THD
+ NPO = 0.25W, reference input amplitude 1
–
0.4
1.0
%
Maximum output power
POMAX
Output power when THD = 10%
0.6
0.7
0.8
W
Mute-mode output voltage
VMUTE
Output power when MUTEN = LOW
–90.0
–110
–
dBV
HIGH-level output voltage
VOH
VDDP –
0.2
VDDP –
0.02
VDDP
+ 0.2
V
LOW-level output voltage
VOL
0
0.02
0.2
V
Efficiency
EEF
Maximum output power conditions
80
83
–
%
Ripple rejection ratio 1
PSRR1
(Note 1)
–
–60
–
dB
Parameter
Symbol
Conditions
Rating
Unit
min
typ
max
Voltage gain 1
A1
DRCN = HIGH,
input amplitude = 0.1Vrms
–
5.6
–
dB
Voltage gain 2
A2
DRCN = LOW,
input amplitude = 0.05Vrms
–
14.5
–
dB
Residual noise voltage
VNS
DRCN = HIGH,
input and VREF1 connected by 600
Ω
–
120
–
µVrms
Total harmonic distortion
+ noise
THD
+ N
PO = 42mW, reference input amplitude
V = 316.2mVrms
–
0.8
–
%
Maximum output power
POMAX
Output power when THD = 10%
–
0.280
–
W
Mute-mode output voltage
VMUTE
Output power when MUTEN = LOW
–
–110
–
dBV
HIGH-level output voltage
VOH
–
VDDP –
0.02
–V
LOW-level output voltage
VOL
–
0.02
–
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com