Electronic Components Datasheet Search
  English  ▼

X  

XTPS55285VALR Datasheet(PDF) 39 Page - Texas Instruments

Part # XTPS55285VALR
Description  TPS55285 22V, 8A Buck-Boost Converter with I2C Interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTPS55285VALR Datasheet(HTML) 39 Page - Texas Instruments

Back Button XTPS55285VALR Datasheet HTML 35Page - Texas Instruments XTPS55285VALR Datasheet HTML 36Page - Texas Instruments XTPS55285VALR Datasheet HTML 37Page - Texas Instruments XTPS55285VALR Datasheet HTML 38Page - Texas Instruments XTPS55285VALR Datasheet HTML 39Page - Texas Instruments XTPS55285VALR Datasheet HTML 40Page - Texas Instruments XTPS55285VALR Datasheet HTML 41Page - Texas Instruments XTPS55285VALR Datasheet HTML 42Page - Texas Instruments XTPS55285VALR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
Vin
10V/div
IL
2A/div
Time Scale: 400 s/div
Vout(AC)
500mV/div
Figure 8-10. Line Transient Waveforms in VIN = 9V
to 20V, VOUT = 12V, IO = 3A with 200μs Slew Rate,
FPWM
Vin
10V/div
IL
4A/div
Time Scale: 20ms/div
Vout(AC)
100mV/div
Figure 8-11. Line Sweep Waveforms in VIN = 9V to
20V, VOUT = 12V, IO = 3A , FPWM
Iout
2A/div
Time Scale: 520 s/div
Vout(AC)
500mV/div
Figure 8-12. Load Transient Waveforms in VIN =
12V, VOUT = 5V, IO = 2.5A to 5A with 2.5A/μs Slew
Rate, FPWM
Iout
2A/div
Time Scale: 520 s/div
Vout(AC)
500mV/div
Figure 8-13. Load Transient Waveforms in VIN =
12V, VOUT = 12V, IO = 1.5A to 3A with 2.5A/μs Slew
Rate, FPWM
Iout
2A/div
Time Scale: 520 s/div
Vout(AC)
500mV/div
Figure 8-14. Load Transient Waveforms in VIN =
12V, VOUT = 20V, IO = 1.5A to 3A with 2.5A/μs Slew
Rate, FPWM
Iout
2A/div
Time Scale: 520 s/div
Vout
2V/div
Figure 8-15. 3A Output Current Limit Waveforms in
VIN = 12V, VOUT = 5V, RLOAD = 1Ω
IL
2A/div
Time Scale: 200 s/div
Vin (15V o set)
5V/div
Vout
5V/div
Figure 8-16. VIN OVP Waveforms in VIN = 18V to
24V, VOUT = 5V, IOUT = 2A
IL
2A/div
Time Scale: 50ms/div
SW1
10V/div
Vout
5V/div
Short circuit entry
Short circuit release
Figure 8-17. Short Circuit Protection in VIN = 12V,
VOUT = 5V, IOUT = 0.1A
www.ti.com
TPS55285
SLVSI72 – FEBRUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: TPS55285



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com