Electronic Components Datasheet Search
  English  ▼

X  

XTPS55285VALR Datasheet(PDF) 13 Page - Texas Instruments

Part # XTPS55285VALR
Description  TPS55285 22V, 8A Buck-Boost Converter with I2C Interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTPS55285VALR Datasheet(HTML) 13 Page - Texas Instruments

Back Button XTPS55285VALR Datasheet HTML 9Page - Texas Instruments XTPS55285VALR Datasheet HTML 10Page - Texas Instruments XTPS55285VALR Datasheet HTML 11Page - Texas Instruments XTPS55285VALR Datasheet HTML 12Page - Texas Instruments XTPS55285VALR Datasheet HTML 13Page - Texas Instruments XTPS55285VALR Datasheet HTML 14Page - Texas Instruments XTPS55285VALR Datasheet HTML 15Page - Texas Instruments XTPS55285VALR Datasheet HTML 16Page - Texas Instruments XTPS55285VALR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
6.3 Feature Description
6.3.1 VCC Power Supply
An internal LDO to supply the TPS55285 outputs regulated 5.2V voltage at the VCC pin. When VIN is less than
VOUT, the internal LDO selects the power supply source by comparing VIN to a rising threshold of 6.2V with 0.3V
hysteresis. When VIN is higher than 6.2V, the supply for LDO is VIN. When VIN is lower than 5.9V, the supply for
LDO is VOUT. When VOUT is less than VIN, the internal LDO selects the power supply source by comparing VOUT
to a rising threshold of 6.2V with 0.3V hysteresis. When VOUT is higher than 6.2V, the supply for LDO is VOUT.
When VOUT is lower than 5.9V, the supply for LDO is VIN. Table 6-1 shows the supply source selection for the
internal LDO.
Table 6-1. VCC Power Supply Logic
VIN
VOUT
INPUT for VCC LDO
VIN > 6.2V
VOUT > VIN
VIN
VIN < 5.9V
VOUT > VIN
VOUT
VIN > VOUT
VOUT > 6.2V
VOUT
VIN > VOUT
VOUT < 5.9V
VIN
6.3.2 Default Output Enable(OE) bit Status
By placing different resistors between the MODE pin and the AGND pin, the TPS55285 selects default Output
Enable (OE) bit value. Output Enable (OE) bit is logic bit to control device output in 06H register.
If default Output Enable (OE) bit is set to 0, when VIN and EN/UVLO pins exceed UVLO threshold, the device
doesn't switch until Output Enable (OE) bit is set to 1 in 06H register.
If default Output Enable (OE) bit is set to 1, the FB bit in 04H register is also set to 1 automatically to select
external feedback network. Once VIN and EN/UVLO pins exceed UVLO threshold, the device starts switching
with 282mV VREF. External feedback resistors is needed in this case.
Table 6-2. I2C Target Address and Default OE bit
Resistor Value (kΩ)
I2C TARGET ADDRESS
DEFAULT OUTPUT ENABLE (OE)
BIT
0
75H
0
24.9
75H
1
6.3.3 Input Undervoltage Lockout
When the input voltage is below 2.4V, the TPS55285 is disabled. When the input voltage is above 3V, the
TPS55285 can be enabled by pulling the EN pin to a high voltage above 1.3V.
www.ti.com
TPS55285
SLVSI72 – FEBRUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPS55285



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com