Electronic Components Datasheet Search
  English  ▼

X  

XTPS55285VALR Datasheet(PDF) 4 Page - Texas Instruments

Part # XTPS55285VALR
Description  TPS55285 22V, 8A Buck-Boost Converter with I2C Interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTPS55285VALR Datasheet(HTML) 4 Page - Texas Instruments

  XTPS55285VALR Datasheet HTML 1Page - Texas Instruments XTPS55285VALR Datasheet HTML 2Page - Texas Instruments XTPS55285VALR Datasheet HTML 3Page - Texas Instruments XTPS55285VALR Datasheet HTML 4Page - Texas Instruments XTPS55285VALR Datasheet HTML 5Page - Texas Instruments XTPS55285VALR Datasheet HTML 6Page - Texas Instruments XTPS55285VALR Datasheet HTML 7Page - Texas Instruments XTPS55285VALR Datasheet HTML 8Page - Texas Instruments XTPS55285VALR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
over operating junction temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Voltage range
at terminals (2)
VIN, VOUT, SW1, SW2
–0.3
27
V
BOOT1
SW1–0.3
SW1+6
V
BOOT2
SW2–0.3
SW2+6
V
EN/UVLO, VCC, SCL, SDA, COMP, FB/INT, MODE
–0.3
6
V
EN/UVLO, SCL, SDA, COMP, FB/INT, MODE
–0.3
VCC+0.3
V
TJ
Operating Junction, TJ (3)
–40
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
All voltage values are with respect to network ground terminal.
(3)
High junction temperatures degrade operating lifetimes. Operating lifetime is de-rated for junction temperatures greater than 125°C.
5.2 Recommended Operating Conditions
over operating junction temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input voltage range (Vout ≥ 3.0V)
2.4
22
V
Input voltage range (Vout < 3.0V)
3
22
V
VOUT
Output voltage range
0.8
22
V
L
Effective inductance range
1
4.7
10
µH
CIN
Effective input capacitance range
4.7
22
µF
COUT
Effective output capacitance range
10
100
1000
µF
TJ
Operating junction temperature
–40
125
°C
5.3 Thermal Information
THERMAL METRIC(1)
VAL (WQFN)
VAL (WQFN)
UNIT
15 PINS
15 PINS
Standard
EVM (2)
RθJA
Junction-to-ambient thermal resistance
47.6
33
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
N/A
N/A
°C/W
RθJB
Junction-to-board thermal resistance
N/A
N/A
°C/W
ΨJT
Junction-to-top characterization parameter
0.6
0.7
°C/W
YJB
Junction-to-board characterization parameter
6.6
11.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
(2)
Measured on TPS55285EVM, 4-layer, 2oz/1oz/1oz/2oz copper PCB.
5.4 Electrical Characteristics
TJ = -40°C to 125°C, VIN = 12V and VOUT = 20V. Typical values are at TJ = 25°C, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
VIN
Input voltage range
2.4
22
V
TPS55285
SLVSI72 – FEBRUARY 2025
www.ti.com
4
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS55285



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com