Electronic Components Datasheet Search
  English  ▼

X  

XTPS55285VALR Datasheet(PDF) 8 Page - Texas Instruments

Part # XTPS55285VALR
Description  TPS55285 22V, 8A Buck-Boost Converter with I2C Interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTPS55285VALR Datasheet(HTML) 8 Page - Texas Instruments

Back Button XTPS55285VALR Datasheet HTML 4Page - Texas Instruments XTPS55285VALR Datasheet HTML 5Page - Texas Instruments XTPS55285VALR Datasheet HTML 6Page - Texas Instruments XTPS55285VALR Datasheet HTML 7Page - Texas Instruments XTPS55285VALR Datasheet HTML 8Page - Texas Instruments XTPS55285VALR Datasheet HTML 9Page - Texas Instruments XTPS55285VALR Datasheet HTML 10Page - Texas Instruments XTPS55285VALR Datasheet HTML 11Page - Texas Instruments XTPS55285VALR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
TJ = -40°C to 125°C, VIN = 12V and VOUT = 20V. Typical values are at TJ = 25°C, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CB
Capacitive load for SDA and SCL
200
pF
5.6 Typical Characteristics
VIN = 12V, TA = 25°C, fSW = 400kHz, unless otherwise noted.
Output Current (A)
0.0001
0.001
0.01
0.1 0.2 0.5 1 2 3 5 710
0
10
20
30
40
50
60
70
80
90
100
VIN = 5 V
VIN = 9 V
VIN = 12 V
VIN = 20 V
Figure 5-1. Efficiency vs Output Current,
VOUT = 5V, FPWM
Output Current (A)
0.0001
0.001
0.01
0.1 0.2 0.5 1 2 3 5 710
0
10
20
30
40
50
60
70
80
90
100
VIN = 5 V
VIN = 9 V
VIN = 12 V
VIN = 20 V
Figure 5-2. Efficiency vs Output Current,
VOUT = 5V, PFM
Output Current (A)
0.0001
0.001
0.01
0.1 0.2 0.5 1 2 3 5 710
0
10
20
30
40
50
60
70
80
90
100
VIN = 5 V
VIN = 9 V
VIN = 12 V
VIN = 20 V
Figure 5-3. Efficiency vs Output Current,
VOUT = 9V, FPWM
Output Current (A)
0.0001
0.001
0.01
0.1 0.2 0.5 1 2 3 5 710
0
10
20
30
40
50
60
70
80
90
100
VIN = 5 V
VIN = 9 V
VIN = 12 V
VIN = 20 V
Figure 5-4. Efficiency vs Output Current,
VOUT = 9V, PFM
TPS55285
SLVSI72 – FEBRUARY 2025
www.ti.com
8
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS55285



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com