Electronic Components Datasheet Search
  English  ▼

X  

EMIF09-SD01F3 Datasheet(PDF) 6 Page - STMicroelectronics

Part # EMIF09-SD01F3
Description  9 line EMI filter and ESD protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF09-SD01F3 Datasheet(HTML) 6 Page - STMicroelectronics

  EMIF09-SD01F3 Datasheet HTML 1Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 2Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 3Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 4Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 5Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 6Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 7Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
3 Package information
EMIF09-SD01F3
6/8
3
Package information
Figure 10. Mechanical data
Figure 13. Flip-chip tape and reel specifications
Figure 11. Foot print recommendations
Figure 12. Marking
605 µm ± 55
1.97 mm ± 30 µm
255 µm± 40
400 µm ± 40
220 µm recommended
220 µm recommended
260 µm maximum
Solder stencil opening :
Copper pad Diameter:
Solder mask opening:
300 µm minimum
x
y
x
w
z
w
E
Dot, ST logo
xx = marking
yww = datecode
(y = year
ww = week)
z = manufacturing location
Dot identifying Pin A1 location
User direction of unreeling
All dimensions in mm
4 +/- 0.1
4 +/- 0.1
Ø 1.5 +/- 0.1
0.69 +/- 0.05
2.11



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com