Electronic Components Datasheet Search
  English  ▼

X  

EMIF09-SD01F3 Datasheet(PDF) 4 Page - STMicroelectronics

Part # EMIF09-SD01F3
Description  9 line EMI filter and ESD protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF09-SD01F3 Datasheet(HTML) 4 Page - STMicroelectronics

  EMIF09-SD01F3 Datasheet HTML 1Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 2Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 3Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 4Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 5Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 6Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 7Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1 Characteristics
EMIF09-SD01F3
4/8
Figure 4.
Digital crosstalk measurement
Figure 5.
ESD response to IEC61000-4-2
(+15kV air discharge) on one input
(VIN) and on one output (VOUT)
Figure 6.
ESD response to IEC61000-4-2
(-15kV air discharge) on one input
(VIN) and on one output (VOUT)
Figure 7.
Line capacitance versus applied
voltage
Output Line 2
200mV/d
Input Line 1
1V/d
10ns/d
5Gs/s
V
=20V/d
external
Vinternal=10V/d
100ns/d
V
=20V/d
external
Vinternal=10V/d
100ns/d
C
(pF)
line
0
5
10
15
20
25
02
46
8
10
12
14
V(V)
line
F = 1 MHz
V
= 30 mV
T = 25°C
OSC
j



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com