Electronic Components Datasheet Search
  English  ▼

X  

EMIF09-SD01F3 Datasheet(PDF) 7 Page - STMicroelectronics

Part # EMIF09-SD01F3
Description  9 line EMI filter and ESD protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF09-SD01F3 Datasheet(HTML) 7 Page - STMicroelectronics

  EMIF09-SD01F3 Datasheet HTML 1Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 2Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 3Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 4Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 5Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 6Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 7Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
EMIF09-SD01F3
4 Ordering information
7/8
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the inner box label, in compliance with JEDEC
Standard JESD97. The maximum ratings related to soldering conditions are also marked on
the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at:
www.st.com.
4
Ordering information
Note:
More information is available in the application note :
AN1235 :"Flip Chip : Package description and recommendations for use"
AN1751 : EMI Filters: Recommendations and measurements
5
Revision history
Part Number
Marking
Package
Weight
Base qty
Delivery mode
EMIF09-SD01F3
GZ
Flip-Chip
5.2 mg
5000
Tape and reel (7”)
Date
Revision
Changes
19-Oct-2005
1
Initial release.
09-Feb-2006
2
Tape cavity dimensions added in Figure 13. Other graphics improved.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com