Electronic Components Datasheet Search
  English  ▼

X  

EMIF09-SD01F3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # EMIF09-SD01F3
Description  9 line EMI filter and ESD protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF09-SD01F3 Datasheet(HTML) 3 Page - STMicroelectronics

  EMIF09-SD01F3 Datasheet HTML 1Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 2Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 3Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 4Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 5Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 6Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 7Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
EMIF09-SD01F3
1 Characteristics
3/8
1.1
Electrical characteristics (Tamb = 25°C)
Symbol
Parameter
VBR
Breakdown voltage
IRM
Leakage current @ VRM
VRM
Stand-off voltage
VCL
Clamping voltage
IPP
Peak pulse current
Rd
Dynamic impedance
RI/O
Series resistance between Input & Output
Cline
Input capacitance per line
Symbol
Test conditions
Min.
Typ.
Max.
Unit
VBR
IR = 1 mA
14
V
IRM
VRM = 5 V per line
0.5
µA
R1, R2, R3, R4, R5, R6, R7, R8, R9
Tolerance ± 20%
40
Ω
R11, R12, R13, R14
Tolerance ± 30%
50
k
Ω
R15
Tolerance ± 30%
15
k
Ω
R21
Tolerance ± 30%
470
k
Ω
Cline
Vline = 0V, VOSC = 30 mV, F = 1 MHz
(under zero light conditions)
20
pF
Figure 2.
S21(db) all lines attenuation
measurement
Figure 3.
Analog cross talk measurements
VCLVBR VRM
IRM
IR
IPP
V
I
IRM
IR
IPP
VRMVBR VCL
VCLVBR VRM
IRM
IR
IPP
V
I
IRM
IR
IPP
VRMVBR VCL
100.0k
1.0M
10.0M
100.0M
1.0G
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
data0
data1
data2
data3
100.0k
1.0M
10.0M
100.0M
1.0G
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
data0
data1
data2
data3
F (Hz)
db
100.0k
1.0M
10.0M
100.0M
1.0G
-80.00
-70.00
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
data0_data1
100.0k
1.0M
10.0M
100.0M
1.0G
-80.00
-70.00
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
data0_data1
db
F (Hz)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com