Electronic Components Datasheet Search
  English  ▼

X  

ADV3000ASTZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADV3000ASTZ
Description  3:1 HDMI/DVI Switch with Equalization
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3000ASTZ Datasheet(HTML) 1 Page - Analog Devices

  ADV3000ASTZ Datasheet HTML 1Page - Analog Devices ADV3000ASTZ Datasheet HTML 2Page - Analog Devices ADV3000ASTZ Datasheet HTML 3Page - Analog Devices ADV3000ASTZ Datasheet HTML 4Page - Analog Devices ADV3000ASTZ Datasheet HTML 5Page - Analog Devices ADV3000ASTZ Datasheet HTML 6Page - Analog Devices ADV3000ASTZ Datasheet HTML 7Page - Analog Devices ADV3000ASTZ Datasheet HTML 8Page - Analog Devices ADV3000ASTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
3:1 HDMI/DVI Switch with Equalization
ADV3000
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
3 inputs, 1 output HDMI/DVI links
Enables HDMI 1.3-compliant receiver
4 TMDS channels per link
Supports 250 Mbps to 2.25 Gbps data rates
Supports 25 MHz to 225 MHz pixel clocks
Equalized inputs for operation with long HDMI cables
(20 meters at 2.25 Gbps)
Fully buffered unidirectional inputs/outputs
Globally switchable, 50 Ω on-chip terminations
Pre-emphasized outputs
Low added jitter
Single-supply operation (3.3 V)
4 auxiliary channels per link
Bidirectional unbuffered inputs/outputs
Flexible supply operation (3.3 V to 5 V)
HDCP standard compatible
Allows switching of DDC bus and 2 additional signals
Output disable feature
Reduced power dissipation
Removable output termination
Allows building of larger arrays
Two ADV3000s support HDMI/DVI dual-link
Standards compatible: HDMI receiver, HDCP, DVI
Serial (I2C slave) and parallel control interface
80-lead, 14 mm × 14 mm LQFP, Pb-free package
APPLICATIONS
Multiple input displays
Projectors
A/V receivers
Set-top boxes
Advanced television (HDTV) sets
ADV3000
HDMI
RECEIVER
HDTV SET
DVD PLAYER
01:18
NameBrand
Power
DV D
SET-TOP BOX
GAME
CONSOLE
Figure 1. Typical HDTV Application
FUNCTIONAL BLOCK DIAGRAM
LOW SPEED UNBUFFERED
HIGH SPEED
BUFFERED
AVCC
DVCC
AMUXVCC
AVEE
DVEE
VTTO
OP[3:0]
AUX_COM[3:0]
ON[3:0]
+
–
4
BIDIRECTIONAL
I2C_SDA
I2C_SCL
I2C_ADDR0
VTTI
VTTI
IP_A[3:0]
IN_A[3:0]
+
–
IP_B[3:0]
IN_B[3:0]
+
–
IP_C[3:0]
IN_C[3:0]
AUX_C[3:0]
AUX_B[3:0]
AUX_A[3:0]
+
–
4
4
4
4
4
4
EQ
SWITCH
CORE
SWITCH
CORE
CONTROL
LOGIC
CONFIG
INTERFACE
2
2
SERIAL
PARALLEL
RESET
PE
4
4
4
4
4
ADV3000
Figure 2.
GENERAL DESCRIPTION
The ADV3000 is an HDMI™/DVI switch featuring equalized
TMDS inputs and pre-emphasized TMDS® outputs, ideal for
systems with long cable runs. Outputs can be set to a high
impedance state to reduce the power dissipation and/or to allow
the construction of larger arrays using the wire-OR technique.
The ADV3000 is provided in an 80-lead LQFP, Pb-free, surface-
mount package, specified to operate over the −40°C to +85°C
temperature range.
PRODUCT HIGHLIGHTS
1.
Supports data rates up to 2.25 Gbps, enabling 1080p deep
color (12-bit color) HDMI formats, and greater than
UXGA (1600 × 1200) DVI resolutions.
2.
Input cable equalizer enables use of long cables at the input
(more than 20 meters of 24 AWG cable at 2.25 Gbps).
3.
Auxiliary switch routes a DDC bus and two additional signals
for a single-chip, HDMI 1.3 receive-compliant solution.


Similar Part No. - ADV3000ASTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV3002 AD-ADV3002 Datasheet
500Kb / 28P
4:1 HDMI/DVI Switch with Equalization, DDC/CEC Buffers and EDID Replication
REV. 0
ADV3002 AD-ADV3002 Datasheet
681Kb / 28P
4:1 HDMI/DVI Switch with Equalization DDC/CEC Buffers and EDID Replication
8/12-Rev. A to Rev. B
ADV3002-EVALZ AD-ADV3002-EVALZ Datasheet
500Kb / 28P
4:1 HDMI/DVI Switch with Equalization, DDC/CEC Buffers and EDID Replication
REV. 0
ADV3002-EVALZ AD-ADV3002-EVALZ Datasheet
681Kb / 28P
4:1 HDMI/DVI Switch with Equalization DDC/CEC Buffers and EDID Replication
8/12-Rev. A to Rev. B
ADV3002BSTZ AD-ADV3002BSTZ Datasheet
500Kb / 28P
4:1 HDMI/DVI Switch with Equalization, DDC/CEC Buffers and EDID Replication
REV. 0
More results

Similar Description - ADV3000ASTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8197 AD-AD8197 Datasheet
700Kb / 32P
4:1 HDMI/DVI Switch with Equalization
AD8196 AD-AD8196 Datasheet
533Kb / 24P
2:1 HDMI/DVI Switch with Equalization
AD8190 AD-AD8190 Datasheet
793Kb / 24P
2:1 HDMI/DVI Switch with Equalization
7/06-Revision 0
AD8197A AD-AD8197A_07 Datasheet
771Kb / 28P
4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191AASTZ-RL AD-AD8191AASTZ-RL Datasheet
837Kb / 28P
4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8190 AD-AD8190_15 Datasheet
794Kb / 24P
2:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191 AD-AD8191_15 Datasheet
848Kb / 32P
4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8196 AD-AD8196_15 Datasheet
709Kb / 24P
2:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197 AD-AD8197_15 Datasheet
842Kb / 32P
4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197A AD-AD8197A_15 Datasheet
772Kb / 28P
4:1 HDMI/DVI Switch with Equalization
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com