Electronic Components Datasheet Search
  English  ▼

X  

ADV3000ASTZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADV3000ASTZ
Description  3:1 HDMI/DVI Switch with Equalization
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3000ASTZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADV3000ASTZ Datasheet HTML 6Page - Analog Devices ADV3000ASTZ Datasheet HTML 7Page - Analog Devices ADV3000ASTZ Datasheet HTML 8Page - Analog Devices ADV3000ASTZ Datasheet HTML 9Page - Analog Devices ADV3000ASTZ Datasheet HTML 10Page - Analog Devices ADV3000ASTZ Datasheet HTML 11Page - Analog Devices ADV3000ASTZ Datasheet HTML 12Page - Analog Devices ADV3000ASTZ Datasheet HTML 13Page - Analog Devices ADV3000ASTZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ADV3000
Rev. 0 | Page 10 of 28
TA = 27°C, AVCC = 3.3 V, VTTI = 3.3 V, VTTO = 3.3 V, DVCC = 3.3 V, AMUXVCC = 5 V, AVEE = 0 V, DVEE = 0 V, differential input
swing = 1000 mV, TMDS outputs terminated with external 50 Ω resistors to 3.3 V, pattern = PRBS 27 − 1, data rate = 2.25 Gbps, unless
otherwise noted.
0.5
0.6
0
025
HDMI CABLE LENGTH (m)
0.4
0.3
0.2
0.1
5
101520
2m CABLE = 30AWG
5m TO 20m CABLES = 24AWG
1.65Gbps
EQ = 12dB
2.25Gbps
EQ = 12dB
2.25Gbps
EQ = 6dB
1.65Gbps
EQ = 6dB
Figure 14. Jitter vs. Input Cable Length (See Figure 4 for Test Setup)
50
0
02.4
DATA RATE (Gbps)
45
40
35
30
25
20
15
10
5
0.2 0.4
0.6 0.8 1.0 1.2 1.4
1.6 1.8 2.0
2.2
1080p
12-BIT
1.65Gbps
EQ = 12dB
1080p
8-BIT
1080i/720p
480i
480p
DJ (p-p)
RJ (rms)
Figure 15. Jitter vs. Data Rate
50
0
3.0
3.6
SUPPLY VOLTAGE (V)
45
40
35
30
25
20
15
10
5
3.1
3.2
3.3
3.4
3.5
RJ (rms)
DJ (p-p)
Figure 16. Jitter vs. Supply Voltage
0.5
0.6
0
020
HDMI CABLE LENGTH (m)
0.4
0.3
0.2
0.1
2m CABLE = 30AWG
5m TO 20m CABLES = 24AWG
510
15
1.65Gbps, PE MAX
2.25Gbps, PE MAX
1.65Gbps, PE OFF
2.25Gbps, PE OFF
1200
0
0
DATA RATE (Gbps)
Figure 17. Jitter vs. Output Cable Length (See Figure 9 for Test Setup)
1000
800
600
400
200
2.4
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2
Figure 18. Eye Height vs. Data Rate
800
0
2.5
3.6
SUPPLY VOLTAGE (V)
700
600
500
400
300
200
100
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
Figure 19. Eye Height vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com