Electronic Components Datasheet Search
  English  ▼

X  

ADV3000ASTZ Datasheet(PDF) 19 Page - Analog Devices

Part # ADV3000ASTZ
Description  3:1 HDMI/DVI Switch with Equalization
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3000ASTZ Datasheet(HTML) 19 Page - Analog Devices

Back Button ADV3000ASTZ Datasheet HTML 15Page - Analog Devices ADV3000ASTZ Datasheet HTML 16Page - Analog Devices ADV3000ASTZ Datasheet HTML 17Page - Analog Devices ADV3000ASTZ Datasheet HTML 18Page - Analog Devices ADV3000ASTZ Datasheet HTML 19Page - Analog Devices ADV3000ASTZ Datasheet HTML 20Page - Analog Devices ADV3000ASTZ Datasheet HTML 21Page - Analog Devices ADV3000ASTZ Datasheet HTML 22Page - Analog Devices ADV3000ASTZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
ADV3000
Rev. 0 | Page 19 of 28
PARALLEL INTERFACE CONFIGURATION REGISTERS
The parallel interface configuration registers can be directly set using the PP_EN, PP_CH[1:0], PP_EQ, PP_PRE[1:0], and PP_OCL pins.
This interface is only accessible after the part is reset and before any registers are accessed using the serial control interface. The state of
each pin is set by tying it to 3.3 V (Logic 1) or 0 V (Logic 0).
Table 18. Parallel Interface Register Map
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
High speed
switch enable
High speed source select
High Speed
Device Modes
PP_EN
0
0
0
0
PP_CH[1]
PP_CH[0]
Auxiliary
switch enable
Auxiliary switch source select
Auxiliary
Device Modes
1
0
0
0
0
PP_CH[1]
PP_CH[0]
Input termination
on/off select
(termination always on)
Receiver
Settings
1
Source A and Source B input termination pulse-on-source switch select (termination always on)
Input
Termination
Pulse 1
0
0
0
0
0
0
0
0
Source C input termination pulse-on-source switch select (termination always on)
Input
Termination
Pulse 2
0
0
0
0
0
0
0
0
Source A and Source B input equalization level select
Receive
Equalizer 1
PP_EQ
PP_EQ
PP_EQ
PP_EQ
PP_EQ
PP_EQ
PP_EQ
PP_EQ
Source C input equalization level select
Receive
Equalizer 2
PP_EQ
PP_EQ
PP_EQ
PP_EQ
Output pre-emphasis
level select
Output current level
select
Transmitter
Settings
PP_PE[1]
PP_PE[0]
PP_OCL
HIGH SPEED DEVICE MODES REGISTER
PP_EN: High Speed (TMDS) Channels Enable Bit
Table 19. PP_EN Description
PP_EN
Description
0
High speed channels off, low power/standby mode
1
High speed channels on
PP_CH[1:0]: High Speed (TMDS) Switch Source Select Bus
Table 20. High Speed Switch Mode Mapping
PP_CH[1:0]
O[3:0]
Description
00
A[3:0]
High Speed Source A switched to output
01
B[3:0]
High Speed Source B switched to output
10
C[3:0]
High Speed Source C switched to output
11
Illegal Value
AUXILIARY DEVICE MODES REGISTER
The auxiliary (low speed) switch is always enabled when using
the parallel interface.
PP_CH[1:0]: Auxiliary Switch Source Select Bus
Table 21. Auxiliary Switch Mode Mapping
PP_CH[1:0]
AUX_COM[3:0]
Description
00
AUX_A[3:0]
Auxiliary Source A switched
to output
01
AUX_B[3:0]
Auxiliary Source B switched
to output
10
AUX_C[3:0]
Auxiliary Source C switched
to output
11
Illegal Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com