Electronic Components Datasheet Search
  English  ▼

X  

ADV3000ASTZ Datasheet(PDF) 24 Page - Analog Devices

Part # ADV3000ASTZ
Description  3:1 HDMI/DVI Switch with Equalization
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3000ASTZ Datasheet(HTML) 24 Page - Analog Devices

Back Button ADV3000ASTZ Datasheet HTML 20Page - Analog Devices ADV3000ASTZ Datasheet HTML 21Page - Analog Devices ADV3000ASTZ Datasheet HTML 22Page - Analog Devices ADV3000ASTZ Datasheet HTML 23Page - Analog Devices ADV3000ASTZ Datasheet HTML 24Page - Analog Devices ADV3000ASTZ Datasheet HTML 25Page - Analog Devices ADV3000ASTZ Datasheet HTML 26Page - Analog Devices ADV3000ASTZ Datasheet HTML 27Page - Analog Devices ADV3000ASTZ Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
ADV3000
Rev. 0 | Page 24 of 28
Auxiliary Control Signals
There are four single-ended control signals associated with each
source or sink in an HDMI/DVI application. These are hot plug
detect (HPD), consumer electronics control (CEC), and two
display data channel (DDC) lines. The two signals on the DDC
bus are SDA and SCL (serial data and serial clock, respectively).
These four signals can be switched through the auxiliary bus of
the ADV3000 and do not need to be routed with the same strict
considerations as the high speed TMDS signals.
In general, it is sufficient to route each auxiliary signal as a
single-ended trace. These signals are not sensitive to impedance
discontinuities, do not require a reference plane, and can be
routed on multiple layers of the PCB. However, it is best to
follow strict layout practices whenever possible to prevent the
PCB design from affecting the overall application. The specific
routing of the HPD, CEC, and DDC lines depends upon the
application in which the ADV3000 is being used.
For example, the maximum speed of signals present on the
auxiliary lines is 100 kHz I2C data on the DDC lines; therefore,
any layout that enables 100 kHz I2C to be passed over the DDC
bus should suffice. The HDMI 1.3 specification, however, places
a strict 50 pF limit on the amount of capacitance that can be
measured on either SDA or SCL at the HDMI input connector.
This 50 pF limit includes the HDMI connector, the PCB, and
whatever capacitance is seen at the input of the ADV3000, or an
equivalent receiver. There is a similar limit of 100 pF of input
capacitance for the CEC line.
The parasitic capacitance of traces on a PCB increases with
trace length. To help ensure that a design satisfies the HDMI
specification, the length of the CEC and DDC lines on the PCB
should be made as short as possible. Additionally, if there is a
reference plane in the layer adjacent to the auxiliary traces in
the PCB stackup, relieving or clearing out this reference plane
immediately under the auxiliary traces significantly decreases
the amount of parasitic trace capacitance. An example of the
board stackup is shown in Figure 33.
PCB DIELECTRIC
LAYER 1: SIGNAL (MICROSTRIP)
SILKSCREEN
SILKSCREEN
PCB DIELECTRIC
PCB DIELECTRIC
LAYER 2: GND (REFERENCE PLANE)
LAYER 3: PWR (REFERENCE PLANE)
LAYER 4: SIGNAL (MICROSTRIP)
W
3W
3W
REFERENCE LAYER
RELIEVED UNDERNEATH
MICROSTRIP
Figure 33. Example Board Stackup
HPD is a dc signal presented by a sink to a source to indicate
that the source EDID is available for reading. The placement
of this signal is not critical, but it should be routed as directly
as possible.
When the ADV3000 is powered up, one set of the auxiliary
inputs is passively routed to the outputs. In this state, the
ADV3000 looks like a 100 Ω resistor between the selected
auxiliary inputs and the corresponding outputs as illustrated in
Figure 27. The ADV3000 does not buffer the auxiliary signals,
therefore, the input traces, output traces, and the connection
through the ADV3000 all must be considered when designing a
PCB to meet HDMI/DVI specifications. The unselected auxiliary
inputs of the ADV3000 are placed into a high impedance mode
when the device is powered up. To ensure that all of the auxiliary
inputs of the ADV3000 are in a high impedance mode when the
device is powered off, it is necessary to power the AMUXVCC
supply as illustrated in Figure 28.
In contrast to the auxiliary signals, the ADV3000 buffers the
TMDS signals, allowing a PCB designer to layout the TMDS
inputs independently of the outputs.
Power Supplies
The ADV3000 has five separate power supplies referenced to
two separate grounds. The supply/ground pairs are:
•
AVCC/AVEE
•
VTTI/AVEE
•
VTTO/AVEE
•
DVCC/DVEE
•
AMUXVCC/DVEE
The AVCC/AVEE (3.3 V) and DVCC/DVEE (3.3 V) supplies
power the core of the ADV3000. The VTTI/AVEE supply (3.3 V)
powers the input termination (see Figure 25). Similarly, the
VTTO/AVEE supply (3.3 V) powers the output termination
(see Figure 26). The AMUXVCC/DVEE supply (3.3 V to 5 V)
powers the auxiliary multiplexer core and determines the maxi-
mum allowed voltage on the auxiliary lines. For example, if the
DDC bus is using 5 V I2C, then AMUXVCC should be connected
to +5 V relative to DVEE.
In a typical application, all pins labeled AVEE or DVEE should
be connected directly to ground. All pins labeled AVCC,
DVCC, VTTI, or VTTO should be connected to 3.3 V, and
Pin AMUXVCC tied to 5 V. The supplies can also be powered
individually, but care must be taken to ensure that each stage of
the ADV3000 is powered correctly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com