Electronic Components Datasheet Search
  English  ▼

X  

TSL2301 Datasheet(PDF) 2 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TSL2301
Description  102 X 1 LINEAR OPTICAL SENSOR ARRAY WITH ANALOGTODIGITAL CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TSL2301 Datasheet(HTML) 2 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  TSL2301 Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2301 Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2301 Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2301 Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2301 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2301 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2301 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2301 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2301 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TSL2301
102 × 1 LINEAR OPTICAL SENSOR ARRAY
WITH ANALOGTODIGITAL CONVERTER
TAOS007 – JULY 2000
2
www.taosinc.com
t
t
Copyright
E 2000, TAOS Inc.
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
GND
6, 7
Ground
SCLK
1
Clock input for SDIN and SDOUT
SDIN
3
Serial data input. Data is clocked in on the rising edge of CLK.
SDOUT
4
Serial data output. Data is clocked out on the falling edge of CLK.
VDD
2
Supply voltage, VDD is nominally 5 V.
Detailed Description
The sensor consist of 102 photodiodes, also called pixels, arranged in a linear array. Light energy impinging
on the pixels generates a photocurrent, which is then integrated by the active integration circuitry associated
with each pixel. During the integration period, a sampling capacitor connects to the output of the integrator
through an analog switch. The amount of charge accumulated at each pixel is directly proportional to the light
intensity (Ee) on that pixel and the integration time (tint).
The array is divided into three 34-pixel zones, with each zone having programmable gain and offset (dark signal)
correction. The offset correction is controlled by an 8-bit DAC and is performed in the analog domain prior to
the digital conversion. There is a separate offset DAC for each of the three zones. The offset value is signed,
with codes 0 – 7Fh corresponding to positive offset values and codes 80h – FFh corresponding to increasingly
negative offset values. Offset adjustments should be made before setting the gain, but may have to be
readjusted after the gain changes are made. The gain adjustment is controlled by a 5-bit DAC, with positive gain
values ranging from 0 to 1Fh. There is a separate gain DAC for each of the three zones. Table 1 lists the gain
settings and the resulting gain change.
Integration, sampling, output, and reset of the integrators are performed by the control logic in response to
commands input via the SDIN pin. A normal sequence of operation consists of a pixel reset (RESET), start of
integration (STARTInt), sampling of integrators (SAMPLEInt), and pixel output (READPixel). Reset sets all the
integrators to zero. Start of integration releases the integrators from the reset state and defines the beginning
of the integration period. Sampling the integrators ends the integration period and stores the charge
accumulated in each pixel in a sample and hold circuit. Reading the pixels causes the sampled value of each
pixel to be converted to 8-bit digital format and output on the SDOUT pin. All 102 pixels are output sequentially
unless interrupted by an abort (ABORTPixel) command or reset by a RESET command.
The commands coming from the controller via the SDIN line are synchronous with the SCLK, which nominally
operates at 10 MHz. The protocol for both the data and control words employs the USART convention of
start/stop delimiters. There is one start bit and one stop bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com