Electronic Components Datasheet Search
  English  ▼

X  

TSL2301 Datasheet(PDF) 1 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TSL2301
Description  102 X 1 LINEAR OPTICAL SENSOR ARRAY WITH ANALOGTODIGITAL CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TSL2301 Datasheet(HTML) 1 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  TSL2301 Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2301 Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2301 Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2301 Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2301 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2301 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2301 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2301 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2301 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TSL2301
102 × 1 LINEAR OPTICAL SENSOR ARRAY
WITH ANALOGTODIGITAL CONVERTER
TAOS007 – JULY 2000
1
www.taosinc.com
t
t
Copyright
E 2000, TAOS Inc.
D 102 × 1 Sensor Element Organization
D 300 Dots-per-Inch Pixel Pitch
D On-Chip 8-Bit Analog-to-Digital Converter
D Three-Zone Programmable Offset (Dark Level) and Gain
D High Speed (10 MHz) Clocked Serial Interface
D 1-MHz Pixel Rate
D Single 5-V Supply
Description
The TSL2301 is a 300-dpi, 102-pixel linear optical sensor array with an integrated 8-bit analog-to-digital
converter. The pixels are on 85-
µm centers and measure 85 µm (H) by 77 µm (W) with 8 µm between pixels.
Associated with each pixel is a charge integrator/amplifier and sample-hold circuit. All pixels have concurrent
integration periods and sampling times. Data communication is accomplished through a three-wire serial
interface. The array is split into three 34-pixel zones, with each zone having programmable gain and offset
levels.
The TSL2301 is intended for use in high-performance, cost-critical imaging and optical sensing applications.
Functional Block Diagram
PIXEL ARRAY WITH INTEGRATORS AND S-H
SCLK
SDIN
SDOUT
DIGITAL I/O
AND
CONTROL
DB<7:0>
ADDR<4:0>
READ
WRITE
OUTPUT CHARGE-TO-
VOLTAGE CONVERTER
WITH PROGRAMMABLE
GAINS AND OFFSETS
SECTOR
VREF
IREF
RESET/SAMPLE
START
ADCLK
DUAL 8-BIT
SA ADC
VREF
IREF
BIAS
BLOCK
PIXCLK
SI
HOLD
ZERO
LEFT EVEN
RIGHT ODD
RIGHT EVEN
IREF
8
5
3
t
t
Texas Advanced Optoelectronic Solutions Inc.
800 Jupiter Road, Suite 205
S Plano, TX 75074 S (972) 673-0759
1
2
3
4
8
7
6
5
SCLK
VDD
SDIN
SDOUT
NC
GND
GND
NC
(TOP VIEW)
NC – No internal connection


Similar Part No. - TSL2301

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSL230 TI-TSL230 Datasheet
97Kb / 7P
PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
TSL230A TI-TSL230A Datasheet
97Kb / 7P
PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
logo
List of Unclassifed Man...
TSL230AR ETC1-TSL230AR Datasheet
103Kb / 8P
PROGRAMMABLE LIGHTTOFREQUENCY CONVERTERS
logo
TEXAS ADVANCED OPTOELEC...
TSL230AR-LF TAOS-TSL230AR-LF Datasheet
147Kb / 8P
PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
TSL230ARD TAOS-TSL230ARD Datasheet
200Kb / 14P
PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
More results

Similar Description - TSL2301

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSL3301 ETC-TSL3301 Datasheet
153Kb / 14P
102 횞 1 LINEAR OPTICAL SENSOR ARRAY WITH ANALOGTODIGITAL CONVERTER
TSL201 ETC-TSL201 Datasheet
99Kb / 8P
64 X 1 LINEAR SENSOR ARRAY
TSL1406 ETC-TSL1406 Datasheet
146Kb / 12P
768 X 1 LINEAR SENSOR ARRAY WITH HOLD
TSL208 ETC-TSL208 Datasheet
102Kb / 8P
512 X 1 LINEAR SENSOR ARRAY
TSL1402R ETC-TSL1402R Datasheet
145Kb / 12P
256 X 1 LINEAR SENSOR ARRAY WITH HOLD
logo
Texas Instruments
TSL1301 TI-TSL1301 Datasheet
127Kb / 8P
102 횞 1 LINEAR SENSOR ARRAY WITH HOLD
logo
TEXAS ADVANCED OPTOELEC...
TSL202R TAOS-TSL202R Datasheet
199Kb / 12P
128 x 1 LINEAR SENSOR ARRAY
TSL3301-LF TAOS-TSL3301-LF Datasheet
239Kb / 16P
102 횞 1 LINEAR OPTICAL SENSOR ARRAY WITH ANALOG-TO-DIGITAL CONVERTER
TSLW201R TAOS-TSLW201R Datasheet
104Kb / 8P
64 x 1 LINEAR SENSOR ARRAY
logo
ams AG
TSL3301 AMSCO-TSL3301 Datasheet
670Kb / 21P
102X1 LINEAR OPTICAL SENSOR ARRAY WITH ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com