Electronic Components Datasheet Search
  English  ▼

X  

TSL2301 Datasheet(PDF) 5 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TSL2301
Description  102 X 1 LINEAR OPTICAL SENSOR ARRAY WITH ANALOGTODIGITAL CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TSL2301 Datasheet(HTML) 5 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  TSL2301 Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2301 Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2301 Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2301 Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2301 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2301 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2301 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2301 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2301 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TSL2301
102 × 1 LINEAR OPTICAL SENSOR ARRAY
WITH ANALOGTODIGITAL CONVERTER
TAOS007 – JULY 2000
5
www.taosinc.com
t
t
Copyright
E 2000, TAOS Inc.
Optical Array Characteristics (single-die) at VDD = 5 V, TA = 25°C, λp = 590 nm, tint = 200 µs (unless
otherwise noted) Ee=??????
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DSNU
Dark signal non uniformity
Gain register = 00000b,
See Note 2
5
10
LSB
DSNU
Dark signal non-uniformity
Gain register = 11111b,
See Note 2
14
LSB
PRNU
Photo-response non-uniformity
See Notes 3 and 4
±4%
±5%
Dark-level effective illumination (measure of dark
current)
TA = 70°C
TBD
nJ/cm2
NOTES: 2. DSNU is the difference between the highest value pixel and the lowest value pixel of the device under test when the array is not
illuminated.
3. PRNU does not include DSNU.
4. PRNU is the difference between the highest value pixel and the lowest value pixel of the device under test when the array is uniformly
illuminated at nominal white level (typical average output level = 200).
Switching Characteristics over recommended operating range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fmax
Maximum clock frequency
10
MHz
tw(CLKH)
Clock high pulse duration
30
ns
tw(CLKL)
Clock low pulse duration
30
ns
tsu
Input setup time
20
ns
th
Input hold time
20
ns
tr
Rise time, output
C
20 pF
10
ns
tr
Fall time, output
CL = 20 pF
10
ns
td
Delay from clock edge to data-out stable
20
TBD
ns
Ci
Input pin capacitance
10
pF
Light-to-Digital Transfer Characteristics at VDD = 5 V, TA = 25°C, λp = 590 nm, tint = 200 µs (unless
otherwise noted) Ee=???????
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
A-to-D converter resolution
8
Bits
Full scale reference
Gain register = 00000b
5
6.3
7.6
nJ/cm2
Full-scale reference
Gain register = 11111b
2.1
nJ/cm2
Full-scale reference temperature sensitivity
For converter only, does not include
photodiode characteristics
±150
ppm/
°C
Average dark level
Gain register = 00000b
Offset register = 00000000b
0
17
30
LSB
Average dark-level
Gain register = 11111b
TBD
TBD
TBD
LSB
Average white level output
Gain register = 00000b
Offset register = 00000000b
170
200
230
LSB
Average white level output
Gain register = 11111b
TBD
TBD
TBD
LSB
Programmable offset steps
±64
Programmable offset step size
Gain register = 00000b
0.5
LSB
Programmable offset step size
Gain register = 11111b
1.5
LSB
Dark-level change with temperature
0
°C < TA < 70°C
2
LSB
Differential nonlinearity
±0.5
LSB
Integral nonlinearity
±1
LSB
Dark level noise
Gain register = 00000b
0.5
LSB
Dark level noise
Gain register = 11111b
1.5
LSB
Power supply rejection ratio
TBD
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com