| Electronic Components Datasheet Search |
|
TSL2301 Datasheet(PDF) 8 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS |
|
|
|||||||||||||||||||||||||||||
TSL2301 Datasheet(HTML) 8 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS |
|
8 / 12 page ![]() TSL2301 102 × 1 LINEAR OPTICAL SENSOR ARRAY WITH ANALOGTODIGITAL CONVERTER TAOS007 – JULY 2000 8 www.taosinc.com t t Copyright E 2000, TAOS Inc. ABORTPixel – Abort Pixel Data Read Encoding: 0x19: <0001_1001> ABORTPixel is an optional command that stops a READPixel command during its execution. It also causes pixel integration to terminate and to enter the auto-zero/reset state. Any values that were being held in the array’s sample/hold circuits are lost. READHold – Sample and Read Combination Encoding: 0x12: <0001_0010> READHold is a macro command that combines both the SAMPLEInt and READPixel commands into a single command. It is also provided as a shortcut for advanced users. READHoldNStart Combination Encoding: 0x16: <0001_0110> READHold is a macro command that combines the SAMPLEInt, READPixel, and StartInt commands into a single command, and is provided as a shortcut for advanced users. Register Commands The register commands provide the user the capability of setting gain and offset corrections for each of the three zones of pixels. a4–a0 refer to the register address as given in Table 2. REGWrite – Write a Gain/Offset/Mode Register Encoding: 0x40 <data>: <010a4_a3a2a1a0> <d7d6d5d4_d3d2d1d0> REGWrite writes a value into either a gain, offset, or mode register. The 5-bit address of the register is encoded into the command byte (the first byte). A second byte, which contains the data to be written, follows the command byte. REGRead – Read a Gain/Offset/Mode Register Encoding: 0x60: <011a4_a3a2a1a0> REGRead reads the value previously stored in a gain, offset, or mode register. The 5-bit address of the register is encoded into the command byte. Then, following receipt of the REGRead command, the device places the contents of the selected register onto the SDOUT pin, LSB first. Data will be available to read 4 clocks after the execution of the command. Table 4. Summary of Command Types and Formats COMMAND TYPE FORMAT Reset < Command byte > Pixel action < Command byte > Register read < Command byte > Register write < Command byte > < Data byte> |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |