Electronic Components Datasheet Search
  English  ▼

X  

IL815TE Datasheet(PDF) 5 Page - NVE Corporation

Part # IL815TE
Description  DC-Correct High Speed Digital Isolators
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL815TE Datasheet(HTML) 5 Page - NVE Corporation

  IL815TE Datasheet HTML 1Page - NVE Corporation IL815TE Datasheet HTML 2Page - NVE Corporation IL815TE Datasheet HTML 3Page - NVE Corporation IL815TE Datasheet HTML 4Page - NVE Corporation IL815TE Datasheet HTML 5Page - NVE Corporation IL815TE Datasheet HTML 6Page - NVE Corporation IL815TE Datasheet HTML 7Page - NVE Corporation IL815TE Datasheet HTML 8Page - NVE Corporation IL815TE Datasheet HTML 9Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
IL800-Series Isolators
5
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344
(952) 829-9217
www.nve.com
www.YouTube.com/NveCorporation
iso-apps@nve.com
IL814-1/IL814-3/IL814 Pin Connections
1
VDD1
Supply voltage 1
2
GND1
Ground return for VDD1
(pin 2 internally connected to pin 8)
3
IN1
Data in, channel 1
4
IN2
Data in, channel 2
5
OUT3
Data out, channel 3
6
NC
No connection
7
VOE
Output enable, channel 3
(internally held low with 100 kΩ)
8
GND1
Ground return for VDD1
(pin 8 internally connected to pin 2)
9
GND2
Ground return for VDD2
(pin 9 internally connected to pin 15)
10
NC
No connection
11
NC
No connection
12
IN3
Data in, channel 3
13
OUT2
Data out, channel 2
14
OUT1
Data out, channel 1
15
GND2
Ground return for VDD2
(pin 15 internally connected to pin 9)
16
VDD2
Supply voltage
IL814-1/IL814-3/IL814
IL815-1/IL815-3/IL815 Pin Connections
1
VDD1
Supply voltage
2
GND1
Ground return for VDD1
(pin 2 internally connected to pin 8)
3
IN1
Data in, channel 1
4
IN2
Data in, channel 2
5
IN3
Data in, channel 3
6
IN4
Data in, channel 4
7
DNC
Do Not Connect (test pin)
8
GND1
Ground return for VDD1
(pin 8 internally connected to pin 2)
9
GND2
Ground return for VDD2
(pin 9 internally connected to pin 15)
10
DNC
Do Not Connect (test pin)
11
OUT4
Data out, channel 4
12
OUT3
Data out, channel 3
13
OUT2
Data out, channel 2
14
OUT1
Data out, channel 1
15
GND2
Ground return for VDD2
(pin 15 internally connected to pin 9)
16
VDD2
Supply voltage
IL815-1/IL815-3/IL815
V
DD1
GND
1
GND
2
IN
1
OUT
1
OUT
2
IN
2
V
DD2
NC
IN
3
GND
1
GND
2
NC
V
OE
OUT
3
NC
VDD1
GND1
GND2
OUT2
OUT3
OUT1
IN1
IN2
IN3
VDD2
IN4
DNC
DNC
OUT4
GND1
GND2
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com