Electronic Components Datasheet Search
  English  ▼

X  

IL815TE Datasheet(PDF) 11 Page - NVE Corporation

Part # IL815TE
Description  DC-Correct High Speed Digital Isolators
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL815TE Datasheet(HTML) 11 Page - NVE Corporation

Back Button IL815TE Datasheet HTML 7Page - NVE Corporation IL815TE Datasheet HTML 8Page - NVE Corporation IL815TE Datasheet HTML 9Page - NVE Corporation IL815TE Datasheet HTML 10Page - NVE Corporation IL815TE Datasheet HTML 11Page - NVE Corporation IL815TE Datasheet HTML 12Page - NVE Corporation IL815TE Datasheet HTML 13Page - NVE Corporation IL815TE Datasheet HTML 14Page - NVE Corporation IL815TE Datasheet HTML 15Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
IL800-Series Isolators
11
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344
(952) 829-9217
www.nve.com
www.YouTube.com/NveCorporation
iso-apps@nve.com
Insulation Specifications
Parameters
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Creepage
Distance
(external)
MSOP
QSOP
0.15" SOIC (8 or 16 pin)
0.3" SOIC
3.0
4.03
4.03
8.03
8.3
mm
Per IEC 60601
Total Barrier Thickness (internal)
0.012
0.013
mm
Leakage Current
0.2
µA
240 VRMS, 60 Hz
Barrier Resistance
RIO
>1014
Ω
500 V
Barrier Capacitance
CIO
4
pF
f = 1 MHz
Comparative Tracking Index
CTI
≥175
V
Per IEC 60112
High Voltage Endurance
(Maximum Barrier Voltage
for Indefinite Life)
AC
DC
VIO
1000
1500
VRMS
VDC
At maximum
operating temperature
Barrier Life
44000
Years
100°C, 1000 VRMS, 60%
CL activation energy
Thermal Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Junction–Ambient
Thermal Resistance
MSOP8
0.15" SOIC8
QSOP16
0.15" SOIC16
0.3" SOIC16
θ
JA
184
134
100
82
67
°C/W
Double-sided PCB in
free air
Junction–Case (Top)
Thermal Resistance
MSOP8
0.15" SOIC8
QSOP16
0.15" SOIC16
0.3" SOIC16
θ
JC
15
10
9
8
12
Junction–Ambient
Thermal Resistance
0.3" SOIC
θ
JA
46
2s2p PCB in free air
per JESD51
Junction–Case (Top)
Thermal Resistance
θ
JC
9
Power Dissipation
MSOP8
0.15" SOIC8
QSOP16
0.15" SOIC16
0.3" SOIC16
PD
500
675
675
700
1500
mW
Notes:
1.
Absolute maximum means the device will not be damaged if operated under these conditions. It does not guarantee performance.
2.
PWD is defined as |tPHL− tPLH|. %PWD is equal to PWD divided by pulse width.
3.
tPSK is the magnitude of the worst-case difference in tPHL and/or tPLH between devices at 25°C.
4.
CMH is the maximum common mode voltage slew rate that can be sustained while maintaining VO> 0.8 VDD2. CML is the maximum common
mode input voltage that can be sustained while maintaining VO< 0.8 V. The common mode voltage slew rates apply to both rising and
falling common mode voltage edges.
5.
Device is considered a two-terminal device: pins on each side of the package are shorted.
6.
Dynamic power consumption is calculated per channel and is supplied by the channel’s input side power supply.
7.
Minimum pulse width is the minimum value at which specified PWD is guaranteed.
8.
The relevant test and measurement methods are given in the Electromagnetic Compatibility section on p. 12.
9.
External magnetic field immunity is improved by this factor if the field direction is “end-to-end” rather than to “pin-to-pin” (see diagram on p. 12).
10. If internal clock is used, devices will respond to DC states on inputs within a maximum of 9 µs. Outputs may oscillate if the SYNC input slew
rate is less than 1 V/ms.
11. toff is the maximum time for the internal refresh clock to shut down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com