Electronic Components Datasheet Search
  English  ▼

X  

IL815TE Datasheet(PDF) 10 Page - NVE Corporation

Part # IL815TE
Description  DC-Correct High Speed Digital Isolators
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL815TE Datasheet(HTML) 10 Page - NVE Corporation

Back Button IL815TE Datasheet HTML 6Page - NVE Corporation IL815TE Datasheet HTML 7Page - NVE Corporation IL815TE Datasheet HTML 8Page - NVE Corporation IL815TE Datasheet HTML 9Page - NVE Corporation IL815TE Datasheet HTML 10Page - NVE Corporation IL815TE Datasheet HTML 11Page - NVE Corporation IL815TE Datasheet HTML 12Page - NVE Corporation IL815TE Datasheet HTML 13Page - NVE Corporation IL815TE Datasheet HTML 14Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
IL800-Series Isolators
10
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344
(952) 829-9217
www.nve.com
www.YouTube.com/NveCorporation
iso-apps@nve.com
5 Volt Electrical Specifications (Tmin to Tmax unless otherwise stated)
Parameters
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Input Quiescent Supply Current
IL810
IDD1
0.1
0.15
mA
IL811
0.15
0.25
mA
IL815, IL860
0.25
0.35
mA
IL814, IL817, IL821
1.8
2.5
mA
IL816
3.6
5
mA
Output Quiescent Supply Current
IL810, IL821
IDD2
1.8
2.5
mA
IL811, IL814, IL816
3.6
5
mA
IL815
7.2
10
mA
IL817
5.4
7.5
mA
IL860
9
12.5
Logic Input Current
II
−10
10
µA
Logic High Output Voltage
VOH
VDD− 0.1
VDD
V
IO = −20 µA, VI = VIH
0.8 x VDD
0.9 x VDD
IO = −4 mA, VI = VIH
Logic Low Output Voltage
VOL
0
0.1
V
IO = 20 µA, VI = VIL
0.5
0.8
IO = 4 mA, VI = VIL
Switching Specifications (VDD = 5.5 V)
Maximum Data Rate
100
110
Mbps
CL = 15 pF
Pulse Width(7)
PW
10
ns
VO 50% points
Propagation Delay Input to Output
(High to Low)
tPHL
10
15
ns
CL = 15 pF
Propagation Delay Input to Output
(Low to High)
tPLH
10
15
ns
CL = 15 pF
Propagation Delay Enable to Output
(High to High Impedance)
tPHZ
5
ns
CL = 15 pF
Propagation Delay Enable to Output
(Low to High Impedance)
tPLZ
5
ns
CL = 15 pF
Propagation Delay Enable to Output
(High Impedance to High)
tPZH
5
ns
CL = 15 pF
Propagation Delay Enable to Output
(High Impedance to Low)
tPZL
5
ns
CL = 15 pF
Pulse Width Distortion(2)
PWD
2
3
ns
CL = 15 pF
Propagation Delay Skew(3)
tPSK
4
6
ns
CL = 15 pF
Output Rise Time (10%−90%)
tR
1
3
ns
CL = 15 pF
Output Fall Time (10%−90%)
tF
1
3
ns
CL = 15 pF
Common Mode Transient Immunity
(Output Logic High or Logic Low)(4)
|CMH|,|CML|
30
50
kV/µs
VCM = 1500 VDC
tTRANSIENT = 25 ns
Channel-to-Channel Skew
tCSK
3
5
ns
CL = 15 pF
SYNC Internal Clock Off Time(11)
tOFF
5
ns
Dynamic Power Consumption(6)
200
340
μA/Mbps
per channel
Magnetic Field Immunity(8) (VDD2= 5V, 3V<VDD1<5.5V)
Power Frequency Magnetic Immunity
HPF
3,500
A/m
50Hz/60Hz
Pulse Magnetic Field Immunity
HPM
4,500
A/m
tp = 8 µs
Damped Oscillatory Magnetic Field
HOSC
4,500
A/m
0.1Hz – 1MHz
Cross-axis Immunity Multiplier(9)
KX
2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com