Electronic Components Datasheet Search
  English  ▼

X  

IL815TE Datasheet(PDF) 12 Page - NVE Corporation

Part # IL815TE
Description  DC-Correct High Speed Digital Isolators
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL815TE Datasheet(HTML) 12 Page - NVE Corporation

Back Button IL815TE Datasheet HTML 8Page - NVE Corporation IL815TE Datasheet HTML 9Page - NVE Corporation IL815TE Datasheet HTML 10Page - NVE Corporation IL815TE Datasheet HTML 11Page - NVE Corporation IL815TE Datasheet HTML 12Page - NVE Corporation IL815TE Datasheet HTML 13Page - NVE Corporation IL815TE Datasheet HTML 14Page - NVE Corporation IL815TE Datasheet HTML 15Page - NVE Corporation IL815TE Datasheet HTML 16Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
IL800-Series Isolators
12
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344
(952) 829-9217
www.nve.com
www.YouTube.com/NveCorporation
iso-apps@nve.com
Application Information
Electrostatic Discharge Sensitivity
This product has been tested for electrostatic sensitivity to the
limits stated in the specifications. However, NVE recommends that
all integrated circuits be handled with appropriate care to avoid
damage. Damage caused by inappropriate handling or storage could
range from performance degradation to complete failure.
Electromagnetic Compatibility
IsoLoop Isolators have the lowest EMC footprint of any isolation
technology. IsoLoop Isolators’ Wheatstone bridge configuration
and differential magnetic field signaling ensure excellent EMC
performance against all relevant standards.
Additionally, on the IL810, the internal clock can be disabled for
even better EMC performance.
These isolators are fully compliant with IEC 61000-6-1 and
IEC 61000-6-2 standards for immunity, and IEC 61000-6-3,
IEC 61000-6-4, CISPR, and FCC Class A standards for emissions.
Immunity to external magnetic fields is even higher if the field
direction is “end-to-end” rather than to “pin-to-pin” as shown in the
diagram below:
Cross-axis Field Direction
Power Supply Decoupling
Both power supplies should be decoupled with 0.1 µF typical
(0.047 µF minimum) capacitors as close as possible to the VDD
pins.
Maintaining Creepage
Creepage distances are often critical in isolated circuits. In addition to
meeting JEDEC standards, NVE isolator packages have unique creepage
specifications. Standard pad libraries often extend under the package,
compromising creepage and clearance. Similarly, ground planes, if used,
should be spaced to avoid compromising clearance. Package drawings
and recommended pad layouts are included in this datasheet.
Dynamic Power Consumption
IsoLoop Isolators achieve their low power consumption from the
way they transmit data across the isolation barrier. A magnetic field
is created around the GMR Wheatstone bridge by detecting the
edge transitions of the input logic signal and converting them to
narrow current pulses. Depending on the direction of the magnetic
field, the bridge causes the output comparator to switch following
the input logic signal. Since the current pulses are narrow, about
2.5 ns, the power consumption is independent of mark-to-space
ratio and solely dependent on frequency. This has obvious
advantages over optocouplers, which have power consumption
heavily dependent on mark-to-space ratio.
DC Correctness, EMC, and the SYNC Function
NVE digital isolators have the lowest EMC noise signature of any
high-speed digital isolator on the market today because of the dc
nature of the GMR sensors used. It is perhaps fair to include opto-
couplers in that dc category too, but their limited parametric
performance, physically large size, and wear-out problems
effectively limit side by side comparisons between NVE’s isolators
and isolators coupled with RF, matched capacitors, or transformers.
IL800-Series isolators have an internal refresh clock which ensure
the synchronization of input and output within 9 μs of the supply
passing the 1.5 V threshold. The IL810 allows external control of
the refresh clock through the SYNC pin thereby further lowering
the EMC footprint. This can be advantageous in applications such
as hi-fi, motor control and power conversion.
The isolators can be used with Power on Reset (POR) circuits
common in microcontroller applications, as the means of ensuring
the output of the device is in the same state as the input a short time
after power up. Figure 1 shows a practical Power on Reset circuit:
Fig. 1. Typical Power-On Reset Circuit for IL810
After POR, the SYNC line goes high, the internal clock is disabled,
and the EMC signature is optimized. Decoupling capacitors are
omitted for clarity.
POR
SET
OUT
SYNC
IN
1
2
3
4
8
6
5
IL510
V
OE
7
V
dd1
V
dd2
IL810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com