Electronic Components Datasheet Search
  English  ▼

X  

IL815TE Datasheet(PDF) 1 Page - NVE Corporation

Part # IL815TE
Description  DC-Correct High Speed Digital Isolators
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL815TE Datasheet(HTML) 1 Page - NVE Corporation

  IL815TE Datasheet HTML 1Page - NVE Corporation IL815TE Datasheet HTML 2Page - NVE Corporation IL815TE Datasheet HTML 3Page - NVE Corporation IL815TE Datasheet HTML 4Page - NVE Corporation IL815TE Datasheet HTML 5Page - NVE Corporation IL815TE Datasheet HTML 6Page - NVE Corporation IL815TE Datasheet HTML 7Page - NVE Corporation IL815TE Datasheet HTML 8Page - NVE Corporation IL815TE Datasheet HTML 9Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
IL800-Series Isolators
IsoLoop is a registered trademark of NVE Corporation.
*U.S. Patent numbers 5,831,426; 6,300,617 and others.
REV. N
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344
(952) 829-9217
www.nve.com
www.YouTube.com/NveCorporation
iso-apps@nve.com
DC-Correct High Speed Digital Isolators
Functional Diagrams
Features
•
DC-correct
•
−40 ºC to 125 ºC operating temperature
•
110 Mbps
•
10 ns propagation delay
•
1.3 mA/channel typical quiescent current
•
50 kV/μs typ.; 30 kV/μs min. common mode transient immunity
•
44000 year barrier life
•
3 V to 5 V power supplies
•
Low EMC footprint
•
IEC 60747-17 (VDE 0884-17):2021-10 certified; UL 1577 recognized
•
8-pin MSOP and SOIC packages for one and two channels
•
16-pin QSOP, 0.15" SOIC, and 0.3" True 8™ SOIC for 3, 4, and 5 channels
Applications
•
ADCs and DACs
•
Digital Fieldbus
•
RS-485 and RS-422
•
Multiplexed data transmission
•
Data interfaces
•
Board-to-board communication
•
Digital noise reduction
•
Ground loop elimination
•
Peripheral interfaces
•
Parallel bus
•
Logic level shifting
Description
IL800-Series isolators are high-speed, high temperature dc-correct
isolators. An internal refresh clock ensures the outputs respond to dc states on
inputs within a maximum of 9 µs.
The devices use NVE’s patented* spintronic Giant Magnetoresistive
(GMR) technology.
A unique ceramic/polymer composite barrier provides excellent isolation
and virtually unlimited barrier life.
IL810
IL814
IL821
IL815
IL816
IL811
IL817
IL860


Similar Part No. - IL815TE

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL8190 IKSEMICON-IL8190 Datasheet
493Kb / 13P
Direct Sensor Input
IL8190N IKSEMICON-IL8190N Datasheet
445Kb / 11P
Precision Air-Core Tach/Speedo Driver with Return to Zero
More results

Similar Description - IL815TE

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL9000 HP-HCPL9000 Datasheet
449Kb / 12P
High Speed Digital Isolators
logo
Texas Instruments
ISO7240C TI-ISO7240C_08 Datasheet
868Kb / 25P
HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7230C TI-ISO7230C_09 Datasheet
691Kb / 25P
HIGH SPEED, TRIPLE DIGITAL ISOLATORS
ISO7231C-Q1 TI1-ISO7231C-Q1 Datasheet
804Kb / 23P
HIGH SPEED, TRIPLE DIGITAL ISOLATORS
ISO7240CF-Q1 TI1-ISO7240CF-Q1 Datasheet
826Kb / 27P
HIGH-SPEED QUAD DIGITAL ISOLATORS
ISO7240CF TI1-ISO7240CF_12 Datasheet
1Mb / 31P
HIGH SPEED QUAD DIGITAL ISOLATORS
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-090J-000E AVAGO-HCPL-090J-000E Datasheet
357Kb / 14P
High Speed Digital Isolators
HCPL-0931-500E AVAGO-HCPL-0931-500E Datasheet
357Kb / 14P
High Speed Digital Isolators
HCPL-0930-000E AVAGO-HCPL-0930-000E Datasheet
319Kb / 14P
High Speed Digital Isolators
logo
Texas Instruments
ISO7230C-Q1 TI-ISO7230C-Q1_15 Datasheet
968Kb / 24P
HIGH SPEED, TRIPLE DIGITAL ISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com