Electronic Components Datasheet Search
  English  ▼

X  

PN511 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PN511
Description  Transmission Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PN511 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PN511 Datasheet HTML 5Page - NXP Semiconductors PN511 Datasheet HTML 6Page - NXP Semiconductors PN511 Datasheet HTML 7Page - NXP Semiconductors PN511 Datasheet HTML 8Page - NXP Semiconductors PN511 Datasheet HTML 9Page - NXP Semiconductors PN511 Datasheet HTML 10Page - NXP Semiconductors PN511 Datasheet HTML 11Page - NXP Semiconductors PN511 Datasheet HTML 12Page - NXP Semiconductors PN511 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
082733
© NXP B.V. 2007. All rights reserved.
Product short data sheet
Rev. 3.3 — 13 June 2007
9 of 22
NXP Semiconductors
PN511
Transmission Module
Table 4.
Pin description HVQFN40
Symbol
Pin
Type
Description
A2 to A5
1 to 4
I
Address Line
PVDD
5
PWR
Pad power supply
DVDD
6
PWR
Digital Power Supply
DVSS
7
PWR
Digital Ground
PVSS
8
PWR
Pad power supply ground
NRSTPD
9
I
Not Reset and Power Down: When LOW, internal current sinks are switched off, the
oscillator is inhibited, and the input pads are disconnected from the outside world. With
a positive edge on this pin the internal reset phase starts.
SIGIN
10
I
Communication Interface Input: accepts a digital, serial data stream
SIGOUT
11
O
Communication Interface Output: delivers a serial data stream
LOADMOD
12
O
Load Modulation Output: provides digital signal for FeliCa and Mifare Card Operation
mode
TVSS
13
PWR
Transmitter Ground: supplies the output stage of TX1 and TX2
TX1
14
O
Transmitter 1: delivers the modulated 13.56 MHz energy carrier
TVDD
15
PWR
Transmitter Power Supply: supplies the output stage of TX1 and TX2
TX2
16
O
Transmitter 2: delivers the modulated 13.56 MHz energy carrier
TVSS
17
PWR
Transmitter Ground: supplies the output stage of TX1 and TX2
AVDD
18
PWR
Analog Power Supply
VMID
19
PWR
Internal Reference Voltage: This pin delivers the internal reference voltage.
RX
20
I
Receiver Input
AVSS
21
PWR
Analog Ground
AUX1
22
O
Auxiliary Outputs: These pins are used for testing.
AUX2
23
O
OSCIN
24
I
Crystal Oscillator Input: input to the inverting amplifier of the oscillator. This pin is
also the input for an externally generated clock (fosc = 27.12 MHz).
OSCOUT
25
O
Crystal Oscillator Output: Output of the inverting amplifier of the oscillator.
IRQ
26
O
Interrupt Request: output to signal an interrupt event
NWR
27
I
Not Write: strobe to write data (applied on D0 to D7) into the PN511 register
NRD
28
I
Not Read: strobe to read data from the PN511 register (applied on D0 to D7)
ALE
29
I
Address Latch Enable: signal to latch AD0 to AD5 into the internal address latch
when HIGH.
NCS
30
I
Not Chip Select: selects and activates the host controller interface of the PN511
D0 to D7
31 to 38
I/O
8-bit Bi-directional Data Bus.
Remark: For serial interfaces this pins can be used for test signals or I/Os.
Remark: If the host controller selects I2C as digital host controller interface, these pins
can be used to define the I2C address.
A0 to1 A1
39 to 40
I
Address Line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com