Electronic Components Datasheet Search
  English  ▼

X  

PN511 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PN511
Description  Transmission Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PN511 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PN511 Datasheet HTML 9Page - NXP Semiconductors PN511 Datasheet HTML 10Page - NXP Semiconductors PN511 Datasheet HTML 11Page - NXP Semiconductors PN511 Datasheet HTML 12Page - NXP Semiconductors PN511 Datasheet HTML 13Page - NXP Semiconductors PN511 Datasheet HTML 14Page - NXP Semiconductors PN511 Datasheet HTML 15Page - NXP Semiconductors PN511 Datasheet HTML 16Page - NXP Semiconductors PN511 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
082733
© NXP B.V. 2007. All rights reserved.
Product short data sheet
Rev. 3.3 — 13 June 2007
13 of 22
NXP Semiconductors
PN511
Transmission Module
8.2 NFCIP-1 mode
The NFCIP-1 communication differentiates between an active and a Passive
Communication mode.
• Active Communication mode means both the initiator and the target are using their
own RF field to transmit data.
• Passive Communication mode means that the target answers to an initiator command
in a load modulation scheme. The initiator is active in terms of generating the RF field.
• Initiator: generates RF field at 13.56 MHz and starts the NFCIP-1 communication
• Target: responds to initiator command either in a load modulation scheme in Passive
Communication mode or using a self generated and self modulated RF field for Active
Communication mode.
In order to fully support the NFCIP-1 standard the PN511 supports the Active and Passive
Communication mode at the transfer speeds 106 kbit/s, 212 kbit/s and 424 kbit/s as
defined in the NFCIP-1 standard.
Fig 8.
NFCIP-1 mode
PN511
Battery
µC
Battery
µC
Initiator:Active
Target:
Passive or
Active
PN511



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com