Electronic Components Datasheet Search
  English  ▼

X  

PN511 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PN511
Description  Transmission Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PN511 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PN511 Datasheet HTML 6Page - NXP Semiconductors PN511 Datasheet HTML 7Page - NXP Semiconductors PN511 Datasheet HTML 8Page - NXP Semiconductors PN511 Datasheet HTML 9Page - NXP Semiconductors PN511 Datasheet HTML 10Page - NXP Semiconductors PN511 Datasheet HTML 11Page - NXP Semiconductors PN511 Datasheet HTML 12Page - NXP Semiconductors PN511 Datasheet HTML 13Page - NXP Semiconductors PN511 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
082733
© NXP B.V. 2007. All rights reserved.
Product short data sheet
Rev. 3.3 — 13 June 2007
10 of 22
NXP Semiconductors
PN511
Transmission Module
8.
Operating modes
PN511 transceiver IC supports the following operating modes:
• Reader/Writer mode supporting ISO 14443A/Mifare and FeliCa scheme
• Card Operation mode supporting ISO 14443A/ Mifare and FeliCa scheme
• NFCIP-1 mode
The modes support different transfer speeds and modulation schemes. The following
chapters will explain the different modes in detail.
Note: All indicated modulation indices and modes in this chapter are system parameters.
This means that beside the IC settings a suitable antenna tuning is required to achieve the
optimum performance.
8.1 Reader/Writer mode
Generally 2 Reader/Writer modes are supported. The PN511 can act as a reader/writer for
ISO 14443A/Mifare or FeliCa cards.
In the Reader/Writer mode the PN511 enables the communication to a contactless
ISO 14443A/Mifare or FeliCa card.
8.1.1 ISO 14443A/Mifare reader/writer functionality
The ISO 14443A/Mifare Reader/Writer mode is the general reader to card communication
scheme according to the ISO 14443A/Mifare specification.The following diagram
describes the communication on a physical level, the communication table describes the
physical parameters.
Fig 4.
Reader/Writer mode
ISO14443A or
FeliCa Card
PN511
Battery
µC
Reader / Writer
Contactless Card
Fig 5.
ISO 14443A/Mifare Reader/Writer mode communication diagram
ISO14443A
Reader (PCD)
ISO14443A
Card (PICC)
1. PCD to PICC 100 % ASK ,
Miller Coded,
baudrate 106 to 424 kbaud
2. PICC to PCD, Subcarrier Loadmodulation,
Manchester Coded or BPSK,
baudrate 106 to 424 kbaud
PN511



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com