Electronic Components Datasheet Search
  English  ▼

X  

PN511 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PN511
Description  Transmission Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PN511 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PN511 Datasheet HTML 8Page - NXP Semiconductors PN511 Datasheet HTML 9Page - NXP Semiconductors PN511 Datasheet HTML 10Page - NXP Semiconductors PN511 Datasheet HTML 11Page - NXP Semiconductors PN511 Datasheet HTML 12Page - NXP Semiconductors PN511 Datasheet HTML 13Page - NXP Semiconductors PN511 Datasheet HTML 14Page - NXP Semiconductors PN511 Datasheet HTML 15Page - NXP Semiconductors PN511 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
082733
© NXP B.V. 2007. All rights reserved.
Product short data sheet
Rev. 3.3 — 13 June 2007
12 of 22
NXP Semiconductors
PN511
Transmission Module
8.1.2 FeliCa reader/writer functionality
The FeliCa mode is the general reader/writer to card communication scheme according to
the FeliCa specification. The following diagram describes the communication on a
physical level, the communication overview describes the physical parameters.
The contactless UART of PN511 and a dedicated external host controller are required to
handle the complete FeliCa protocol.
8.1.2.1
FeliCa framing and coding
To enable the FeliCa communication a 6 byte preamble (00h, 00h, 00h, 00h, 00h, 00h)
and 2 bytes Sync bytes (B2h, 4Dh) are sent to synchronize the receiver.
The following Len byte indicates the length of the sent data bytes plus the LEN byte itself.
The CRC calculation is done according to the FeliCa definitions with the MSB first.
To transmit data on the RF interface, the host controller has to send the Len- and data-
bytes to the PN511's FIFO buffer. The preamble and the sync bytes are generated by the
PN511 automatically and must not be written to the FIFO by the host controller. The
PN511 performs internally the CRC calculation and adds the result to the data frame.
Example for FeliCa CRC Calculation:
Fig 7.
FeliCa reader/writer Communication Diagram
Table 6.
Communication overview for FeliCa reader/writer
Communication
direction
FeliCa
FeliCa Higher
transfer speeds
Transfer speed
212 kbit/s
424 kbit/s
PN511
→ card
Modulation on reader side
8-30% ASK
8-30% ASK
bit coding
Manchester Coding
Manchester Coding
Bitlength
(64/13.56)
μs
(32/13.56)
μs
card
→ PN511
Loadmodulation on card side
>12% ASK
>12% ASK
bit coding
Manchester coding
Manchester coding
FeliCa Reader
(PCD)
PN511
FeliCa Card
(PICC)
1. PCD to PICC 8-30 % ASK
,Manchester Coded,
baudrate 212 to 424 kbaud
2. PICC to PCD, >12 % ASK Loadmodulation
,
Manchester Coded,
baudrate 212 to 424 kbaud
Table 7.
FeliCa framing and coding
Preamble
Sync
Len
n-Data
CRC
00h
00h
00h
00h
00h
00h
B2h
4Dh
Table 8.
Start Value for the CRC Polynomial: (00h), (00h)
Preamble
Sync
Len
2 Data Bytes
CRC
00h
00h
00h
00h
00h
00h
B2h
4Dh
03h
ABh
CDh
90h
35h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com