Electronic Components Datasheet Search
  English  ▼

X  

OPA310 Datasheet(PDF) 22 Page - Texas Instruments

Part # OPA310
Description  OPAx310-Q1 Automotive High Output Current, 5V, RRIO, 3MHz Operational Amplifier with Shutdown
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA310 Datasheet(HTML) 22 Page - Texas Instruments

Back Button OPA310 Datasheet HTML 18Page - Texas Instruments OPA310 Datasheet HTML 19Page - Texas Instruments OPA310 Datasheet HTML 20Page - Texas Instruments OPA310 Datasheet HTML 21Page - Texas Instruments OPA310 Datasheet HTML 22Page - Texas Instruments OPA310 Datasheet HTML 23Page - Texas Instruments OPA310 Datasheet HTML 24Page - Texas Instruments OPA310 Datasheet HTML 25Page - Texas Instruments OPA310 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
6 Detailed Description
6.1 Overview
The OPAx310-Q1 family of op amps includes single (OPA310-Q1), dual (OPA2310-Q1), and quad-channel
(OPA4310-Q1), ultra-low-voltage (1.5V to 5.5V), high output current operational amplifiers (op amps) with rail-to-
rail input and output swing capabilities. The OPAx310-Q1 also features a very fast shutdown response and has
an enable time specification of just 0.9µs typical. This feature allows for power savings when the application
involves duty cycling the amplifier signal chain. OPAx310-Q1 has robust ESD performance with fail safe input
ESD structure where there are no diodes connected from inputs to the positive power supply rail.
OPAx310-Q1 is offered in standard packages and has an internal current limit, thermal shutdown protection
that enables additional robustness when operating with high output current. OPAx310-Q1 can swing very close
to the rails and has a short circuit current of ±75mA minimum across temperature at 5.5V power supply while
consuming just 165μA of quiescent current. This combination of low voltage, low IQ, and high output current
capability makes this device quite unique and an excellent choice for a wide range of general-purpose and high
current applications. Additional output current capability can be easily achieved by connecting multiple op amps
in parallel. These devices are excellent choice for LED driver and other higher current applications and can also
be used as a reference buffer, guard amplifier or as a discrete LDO.
The input common-mode voltage range includes both rails, and allows the OPAx310-Q1 series to be used
in many single-supply or dual supply configurations. Rail-to-rail input and output swing significantly increases
dynamic range, especially in low-supply applications, and makes these devices an excellent choice for driving
low speed sampling analog-to-digital converters (ADCs). Further, the class AB output stage is capable of driving
smaller resistive loads connected to any point between V+ and ground.
The OPAx310-Q1 can drive up to 75pF with a typical phase margin of 40° and features 3MHz gain bandwidth
product, 3V/μs slew rate with 4μVp-p integrated noise (0.1Hz to 10Hz) while consuming only 165μA supply
current per channel, thus providing a good AC performance at a very low power consumption. DC applications
are also well served with a low input bias current (1pA typical), a good input offset voltage (0.25mV typical) and a
good PSRR (10μV/V typical), CMRR (80dB typical), and AOL (125dB typical).
The robust design of the OPAx310-Q1 family simplifies circuit design. These op amps feature an integrated
radio frequency immunity (RFI) and electro-magnetic interference (EMI) rejection filter, unity-gain stability, and
no-phase reversal in input overdrive conditions.
OPA310-Q1
SBOSAI0B – DECEMBER 2023 – REVISED SEPTEMBER 2024
www.ti.com
22
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: OPA310-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com