Electronic Components Datasheet Search
  English  ▼

X  

OPA310 Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA310
Description  OPAx310-Q1 Automotive High Output Current, 5V, RRIO, 3MHz Operational Amplifier with Shutdown
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA310 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA310 Datasheet HTML 4Page - Texas Instruments OPA310 Datasheet HTML 5Page - Texas Instruments OPA310 Datasheet HTML 6Page - Texas Instruments OPA310 Datasheet HTML 7Page - Texas Instruments OPA310 Datasheet HTML 8Page - Texas Instruments OPA310 Datasheet HTML 9Page - Texas Instruments OPA310 Datasheet HTML 10Page - Texas Instruments OPA310 Datasheet HTML 11Page - Texas Instruments OPA310 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
5.4 Thermal Information for Single Channel
THERMAL METRIC (1)
OPA310-Q1
OPA310S-Q1
UNIT
DBV
(SOT-23)
DCK
(SC70)
DBV
(SOT-23)
DCK
(SC70)
5 PINS
5 PINS
6 PINS
6 PINS
RθJA
Junction-to-ambient thermal resistance
211.5
214.6
190.7
195.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
109.4
110.0
110.5
122.9
°C/W
RθJB
Junction-to-board thermal resistance
77.8
60.7
70.8
55.5
°C/W
ψJT
Junction-to-top characterization parameter
45.2
32.1
47.4
38.3
°C/W
ψJB
Junction-to-board characterization parameter
77.5
60.4
70.5
55.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
n/a
n/a
n/a
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
5.5 Thermal Information for Dual Channel
THERMAL METRIC (1)
OPA2310-Q1
D
(SOIC)
DGK
(VSSOP)
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
139.0
187.7
RθJC(top)
Junction-to-case (top) thermal resistance
81.2
78.1
RθJB
Junction-to-board thermal resistance
82.4
109.5
ψJT
Junction-to-top characterization parameter
31.3
17.9
ψJB
Junction-to-board characterization parameter
81.6
107.9
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
5.6 Thermal Information for Quad Channel
THERMAL METRIC (1)
OPA4310-Q1
UNIT
D
(SOIC)
PW
(TSSOP)
14 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance
101.5
128.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
57.8
58.7
°C/W
RθJB
Junction-to-board thermal resistance
58.0
71.4
°C/W
ψJT
Junction-to-top characterization parameter
20.9
13.0
°C/W
ψJB
Junction-to-board characterization parameter
57.6
70.8
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
n/a
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
OPA310-Q1
SBOSAI0B – DECEMBER 2023 – REVISED SEPTEMBER 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: OPA310-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com