Electronic Components Datasheet Search
  English  ▼

X  

OPA310 Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA310
Description  OPAx310-Q1 Automotive High Output Current, 5V, RRIO, 3MHz Operational Amplifier with Shutdown
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA310 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA310 Datasheet HTML 6Page - Texas Instruments OPA310 Datasheet HTML 7Page - Texas Instruments OPA310 Datasheet HTML 8Page - Texas Instruments OPA310 Datasheet HTML 9Page - Texas Instruments OPA310 Datasheet HTML 10Page - Texas Instruments OPA310 Datasheet HTML 11Page - Texas Instruments OPA310 Datasheet HTML 12Page - Texas Instruments OPA310 Datasheet HTML 13Page - Texas Instruments OPA310 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
5.7 Electrical Characteristics (continued)
For VS = (V+) – (V–) = 1.5V to 5.5V (±0.75V to ±2.75V) at TA = 25°C, RL = 10kΩ connected to VS / 2, VCM = VS / 2, and VO UT
= VS / 2, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OPEN-LOOP GAIN
AOL
Open-loop voltage
gain
VS = 1.8V, (V–) + 0.05V < VO < (V+) – 0.05V,
RL = 10kΩ to VS / 2
102
115
dB
Open-loop voltage
gain(2)
VS = 1.8V, (V–) + 0.10V < VO < (V+) – 0.10V,
RL = 2kΩ to VS / 2
95
105
dB
VS = 5.5V, (V–) + 0.10V < VO < (V+) – 0.10V,
RL = 10kΩ to VS / 2
109
125
dB
Open-loop voltage
gain
VS = 5.5V, (V–) + 0.15V < VO < (V+) – 0.15V,
RL = 2kΩ to VS / 2
105
115
dB
VS = 1.8V, (V–) + 0.05V < VO < (V+) – 0.05V,
RL = 10kΩ to VS / 2
TA = –40°C to 125°C
90
100
dB
VS = 1.8V, (V–) + 0.10V < VO < (V+) – 0.10V,
RL = 2kΩ to VS / 2
90
VS = 5.5V, (V–) + 0.10V < VO < (V+) – 0.10V,
RL = 10kΩ to VS / 2
105
VS = 5.5V, (V–) + 0.15V < VO < (V+) – 0.15V,
RL = 2kΩ to VS / 2
90
100
Open-loop voltage
gain (6)
VS = 3.3V, (V–) + 0.25V < VO < (V+) – 0.25V,
IL = ±50mA
TA = 25°C
80
102
dB
FREQUENCY RESPONSE
GBW
Gain-bandwidth
product
VS = 1.8V, G = +1, RL = 10kΩ, CL = 100 pF
2.5
MHz
VS = 5.5V, G = +1, RL = 10kΩ, CL = 100 pF
3
MHz
SR
Slew rate
VS = 1.8V, G = +1, RL = 10kΩ
2.8
V/μs
VS = 5.5V, G = +1, RL = 10kΩ
3
V/μs
THD+N
Total harmonic
distortion + noise (4)
VS = 5.5V, G = +1, VO = 1VRMS, f = 1kHz,
RL = 10kΩ to VS / 2
0.0005
%
VS = 5.5V, G = +1, VO = 1VRMS, f = 1kHz,
RL = 2kΩ to VS / 2
0.0035
%
VS = 5.5V, G = +1, VO = 1VRMS, f = 1kHz,
RL = 600 Ω to VS / 2
0.0080
%
tS
Settling time
To 0.1%, VS = 5.5V, VSTEP = 4V, G = +1, CL = 10 pF
1.8
μs
To 0.1%, VS = 5.5V, VSTEP = 2V, G = +1, CL = 10 pF
1.3
To 0.01%, VS = 5.5V, VSTEP = 4V, G = +1, CL = 10 pF
2.3
To 0.01%, VS = 5.5V, VSTEP = 2V, G = +1, CL = 10 pF
1.6
PM
Phase margin
G = +1, RL = 10kΩ connected to VS/2, CL = 10 pF
60
°
CL Drive
Cap Load Drive
G = +1, RL = 10kΩ connected to VS/2, Phase Margin = 40°
75
pF
G = +1, RL = 10kΩ connected to VS/2,
No Sustained Oscillations
250
pF
toverload
Overload recovery
time
VIN × gain > VS
0.6
μs
EMIRR
Electro-magnetic
interference rejection
ratio
f = 1.8GHz, VIN_EMIRR = 100mV
75
dB
OPA310-Q1
SBOSAI0B – DECEMBER 2023 – REVISED SEPTEMBER 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: OPA310-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com