Electronic Components Datasheet Search
  English  ▼

X  

OPA310 Datasheet(PDF) 25 Page - Texas Instruments

Part # OPA310
Description  OPAx310-Q1 Automotive High Output Current, 5V, RRIO, 3MHz Operational Amplifier with Shutdown
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA310 Datasheet(HTML) 25 Page - Texas Instruments

Back Button OPA310 Datasheet HTML 21Page - Texas Instruments OPA310 Datasheet HTML 22Page - Texas Instruments OPA310 Datasheet HTML 23Page - Texas Instruments OPA310 Datasheet HTML 24Page - Texas Instruments OPA310 Datasheet HTML 25Page - Texas Instruments OPA310 Datasheet HTML 26Page - Texas Instruments OPA310 Datasheet HTML 27Page - Texas Instruments OPA310 Datasheet HTML 28Page - Texas Instruments OPA310 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
Input Common-Mode Voltage (V)
-3 -2.5
-2 -1.5
-1 -0.5
0
0.5
1
1.5
2
2.5
3
-1600
-1200
-800
-400
0
400
800
1200
1600
D07_
V+ = 2.75V, V– = –2.75V
Figure 6-1. OPAx310-Q1 Offset Voltage vs
Common-Mode
Common-Mode Voltage (V)
-4
-3
-2
-1
0
1
2
3
4
-2000
-1500
-1000
-500
0
500
1000
1500
2000
D004
V+ = 2.75V, V– = –2.75V
Figure 6-2. TLV900x Offset Voltage vs Common-
Mode
6.3.3 Rail-to-Rail Output
Designed as a micro-power, high output current operational amplifier, the OPAx310-Q1 delivers a robust output
drive capability. A class AB output stage with common-source transistors is used to achieve full rail-to-rail output
swing capability. At room temperature and for resistive loads up to 2kΩ, the output swings to within a maximum
of 20mV of either supply rail at 5.5V power supply. Different load conditions change the ability of the amplifier to
swing close to the rails.
6.3.4 Capacitive Load and Stability
The OPAx310-Q1 is designed to be used in applications where driving a capacitive load is required. As with
all operational amplifiers, there can be specific instances where the OPAx310-Q1 can become unstable. The
particular operational amplifier circuit configuration, layout, gain, and output loading are some of the factors to
consider when establishing whether or not an amplifier is stable in operation. An operational amplifier in the
unity-gain (1 V/V) buffer configuration that drives a capacitive load exhibits a greater tendency to be unstable
than an amplifier operated at a higher noise gain. The capacitive load, in conjunction with the operational
amplifier output resistance, creates a pole within the feedback loop that degrades the phase margin. The
degradation of the phase margin increases when capacitive loading increases. When operating in the unity-gain
configuration, the OPAx310-Q1 remains stable with a pure capacitive load up to approximately 75pF with a good
phase margin of 40° typical and has no sustained oscillations up to 250pF. The equivalent series resistance
(ESR) of some very large capacitors (CL greater than 1μF) is sufficient to alter the phase characteristics in
the feedback loop such that the amplifier remains stable. Increasing the amplifier closed-loop gain allows the
amplifier to drive increasingly larger capacitance. This increased capability is evident when measuring the
overshoot response of the amplifier at higher voltage gains.
One technique for increasing the capacitive load drive capability of the amplifier operating in a unity-gain
configuration is to insert a small resistor (typically 10Ω to 20Ω) in series with the output, as shown in Figure 6-3.
This resistor significantly reduces the overshoot and ringing associated with large capacitive loads. One possible
problem with this technique, however, is that a voltage divider is created with the added series resistor and any
resistor connected in parallel with the capacitive load. The voltage divider introduces a gain error at the output
that reduces the output swing.
www.ti.com
OPA310-Q1
SBOSAI0B – DECEMBER 2023 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: OPA310-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com